Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 34 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 34 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 30Page - Altera Corporation APEX20K Datasheet HTML 31Page - Altera Corporation APEX20K Datasheet HTML 32Page - Altera Corporation APEX20K Datasheet HTML 33Page - Altera Corporation APEX20K Datasheet HTML 34Page - Altera Corporation APEX20K Datasheet HTML 35Page - Altera Corporation APEX20K Datasheet HTML 36Page - Altera Corporation APEX20K Datasheet HTML 37Page - Altera Corporation APEX20K Datasheet HTML 38Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 117 page
background image
34
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Figure 22. ESB in Single-Port Mode
Note (1)
Notes to Figure 22:
(1)
All registers can be asynchronously cleared by ESB local interconnect signals, global signals, or the chip-wide reset.
(2)
APEX 20KE devices have four dedicated clocks.
Content-Addressable Memory
In APEX 20KE devices, the ESB can implement CAM. CAM can be
thought of as the inverse of RAM. When read, RAM outputs the data for
a given address. Conversely, CAM outputs an address for a given data
word. For example, if the data FA12 is stored in address 14, the CAM
outputs 14 when FA12 is driven into it.
CAM is used for high-speed search operations. When searching for data
within a RAM block, the search is performed serially. Thus, finding a
particular data word can take many cycles. CAM searches all addresses in
parallel and outputs the address storing a particular word. When a match
is found, a match flag is set high. Figure 23 shows the CAM block
diagram.
Dedicated Clocks
2 or 4
4
D
ENA
Q
D
ENA
Q
D
ENA
Q
D
ENA
Q
data[ ]
address[ ]
RAM/ROM
128
× 16
256
× 8
512
× 4
1,024
× 2
2,048
× 1
Data In
Address
Write Enable
Data Out
outclken
inclken
inclock
outclock
Write
Pulse
Generator
wren
Dedicated Inputs &
Global Signals
to MegaLAB,
FastTrack &
Local
Interconnect
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com