Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 59 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 59 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 55Page - Altera Corporation APEX20K Datasheet HTML 56Page - Altera Corporation APEX20K Datasheet HTML 57Page - Altera Corporation APEX20K Datasheet HTML 58Page - Altera Corporation APEX20K Datasheet HTML 59Page - Altera Corporation APEX20K Datasheet HTML 60Page - Altera Corporation APEX20K Datasheet HTML 61Page - Altera Corporation APEX20K Datasheet HTML 62Page - Altera Corporation APEX20K Datasheet HTML 63Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 117 page
background image
Altera Corporation
59
APEX 20K Programmable Logic Device Family Data Sheet
Figure 32. APEX 20K AC Test Conditions
Note (1)
Note to Figure 32:
(1)
Power supply transients can affect AC measurements. Simultaneous transitions of
multiple outputs should be avoided for accurate measurement. Threshold tests
must not be performed under AC conditions. Large-amplitude, fast-ground-
current transients normally occur as the device outputs discharge the load
capacitances. When these transients flow through the parasitic inductance between
the device ground pin and the test system ground, significant reductions in
observable noise immunity can result.
Operating
Conditions
Tables 23 through 26 provide information on absolute maximum ratings,
recommended operating conditions, DC operating conditions, and
capacitance for 2.5-V APEX 20K devices.
System
C1 (includes
JIG capacitance)
Device input
rise and fall
times < 3 ns
Device
Output
to Test
Table 23. APEX 20K 5.0-V Tolerant Device Absolute Maximum Ratings
Notes (1), (2)
Symbol
Parameter
Conditions
Min
Max
Unit
VCCINT Supply voltage
With respect to ground (3)
–0.5
3.6
V
VCCIO
–0.5
4.6
V
VI
DC input voltage
–2.0
5.75
V
IOUT
DC output current, per pin
–25
25
mA
TSTG
Storage temperature
No bias
–65
150
° C
TAMB
Ambient temperature
Under bias
–65
135
° C
TJ
Junction temperature
PQFP, RQFP, TQFP, and BGA packages,
under bias
135
° C
Ceramic PGA packages, under bias
150
° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com