Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 57 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 57 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 53Page - Altera Corporation APEX20K Datasheet HTML 54Page - Altera Corporation APEX20K Datasheet HTML 55Page - Altera Corporation APEX20K Datasheet HTML 56Page - Altera Corporation APEX20K Datasheet HTML 57Page - Altera Corporation APEX20K Datasheet HTML 58Page - Altera Corporation APEX20K Datasheet HTML 59Page - Altera Corporation APEX20K Datasheet HTML 60Page - Altera Corporation APEX20K Datasheet HTML 61Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 117 page
background image
Altera Corporation
57
APEX 20K Programmable Logic Device Family Data Sheet
Notes to Table 21:
(1)
The most significant bit (MSB) is on the left.
(2)
The IDCODE’s least significant bit (LSB) is always 1.
Figure 31 shows the timing requirements for the JTAG signals.
Figure 31. APEX 20K JTAG Waveforms
Table 21. 32-Bit APEX 20K Device IDCODE
Device
IDCODE (32 Bits) (1)
Version
(4 Bits)
Part Number (16 Bits)
Manufacturer
Identity (11 Bits)
1 (1 Bit)
(2)
EP20K30E
0000
1000 0000 0011 0000
000 0110 1110
1
EP20K60E
0000
1000 0000 0110 0000
000 0110 1110
1
EP20K100
0000
0000 0100 0001 0110
000 0110 1110
1
EP20K100E
0000
1000 0001 0000 0000
000 0110 1110
1
EP20K160E
0000
1000 0001 0110 0000
000 0110 1110
1
EP20K200
0000
0000 1000 0011 0010
000 0110 1110
1
EP20K200E
0000
1000 0010 0000 0000
000 0110 1110
1
EP20K300E
0000
1000 0011 0000 0000
000 0110 1110
1
EP20K400
0000
0001 0110 0110 0100
000 0110 1110
1
EP20K400E
0000
1000 0100 0000 0000
000 0110 1110
1
EP20K600E
0000
1000 0110 0000 0000
000 0110 1110
1
EP20K1000E
0000
1001 0000 0000 0000
000 0110 1110
1
TDO
TCK
tJPZX
t
JPCO
tJPH
t JPXZ
tJCP
tJPSU
t JCL
tJCH
TDI
TMS
Signal
to Be
Captured
Signal
to Be
Driven
t
JSZX
tJSSU
tJSH
t
JSCO
tJSXZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com