Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 18 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 18 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 14Page - Altera Corporation APEX20K Datasheet HTML 15Page - Altera Corporation APEX20K Datasheet HTML 16Page - Altera Corporation APEX20K Datasheet HTML 17Page - Altera Corporation APEX20K Datasheet HTML 18Page - Altera Corporation APEX20K Datasheet HTML 19Page - Altera Corporation APEX20K Datasheet HTML 20Page - Altera Corporation APEX20K Datasheet HTML 21Page - Altera Corporation APEX20K Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 117 page
background image
18
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Figure 8. APEX 20K LE Operating Modes
Notes to Figure 8:
(1)
LEs in normal mode support register packing.
(2)
There are two LAB-wide clock enables per LAB.
(3)
When using the carry-in in normal mode, the packed register feature is unavailable.
(4)
A register feedback multiplexer is available on LE1 of each LAB.
(5)
The DATA1 and DATA2 input signals can supply counter enable, up or down control, or register feedback signals for
LEs other than the second LE in an LAB.
(6)
The LAB-wide synchronous clear and LAB wide synchronous load affect all registers in an LAB.
PRN
CLRN
DQ
4-Input
LUT
Carry-In
(3)
Cascade-Out
Cascade-In
LE-Out
Normal Mode (1)
PRN
CLRN
DQ
Cascade-Out
Cascade-In
3-Input
LUT
Carry-In
3-Input
LUT
Carry-Out
Arithmetic Mode
Counter Mode
data1
(5)
data2
(5)
PRN
CLRN
DQ
Carry-In
LUT
3-Input
3-Input
LUT
Carry-Out
data3 (data)
Cascade-Out
Cascade-In
LAB-Wide
Synchronous
Load
(6)
LAB-Wide
Synchronous
Clear
(6)
(4)
LE-Out
LE-Out
LE-Out
LE-Out
LE-Out
ENA
LAB-Wide
Clock Enable
(2)
ENA
LAB-Wide
Clock Enable
(2)
ENA
LAB-Wide
Clock Enable
(2)
data1
data2
data1
data2
data3
data4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com