Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 68 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 68 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 64Page - Altera Corporation APEX20K Datasheet HTML 65Page - Altera Corporation APEX20K Datasheet HTML 66Page - Altera Corporation APEX20K Datasheet HTML 67Page - Altera Corporation APEX20K Datasheet HTML 68Page - Altera Corporation APEX20K Datasheet HTML 69Page - Altera Corporation APEX20K Datasheet HTML 70Page - Altera Corporation APEX20K Datasheet HTML 71Page - Altera Corporation APEX20K Datasheet HTML 72Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 117 page
background image
68
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
All specifications are always representative of worst-case supply voltage
and junction temperature conditions. All output-pin-timing specifications
are reported for maximum driver strength.
Figure 36 shows the fMAX timing model for APEX 20K devices.
Figure 36. APEX 20K fMAX Timing Model
Figure 37 shows the fMAX timing model for APEX 20KE devices. These
parameters can be used to estimate fMAX for multiple levels of logic.
Quartus II software timing analysis should be used for more accurate
timing information.
SU
H
CO
LUT
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
ESBRC
ESBWC
ESBWESU
ESBDATASU
ESBADDRSU
ESBDATACO1
ESBDATACO2
ESBDD
PD
PTERMSU
PTERMCO
t
t
t
F1—4
F5—20
F20+
LE
ESB
Routing Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com