Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 60 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 60 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 56Page - Altera Corporation APEX20K Datasheet HTML 57Page - Altera Corporation APEX20K Datasheet HTML 58Page - Altera Corporation APEX20K Datasheet HTML 59Page - Altera Corporation APEX20K Datasheet HTML 60Page - Altera Corporation APEX20K Datasheet HTML 61Page - Altera Corporation APEX20K Datasheet HTML 62Page - Altera Corporation APEX20K Datasheet HTML 63Page - Altera Corporation APEX20K Datasheet HTML 64Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 117 page
background image
60
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Table 24. APEX 20K 5.0-V Tolerant Device Recommended Operating Conditions
Note (2)
Symbol
Parameter
Conditions
Min
Max
Unit
VCCINT Supply voltage for internal logic
and input buffers
(4), (5)
2.375
(2.375)
2.625
(2.625)
V
VCCIO
Supply voltage for output buffers,
3.3-V operation
(4), (5)
3.00 (3.00)
3.60 (3.60)
V
Supply voltage for output buffers,
2.5-V operation
(4), (5)
2.375
(2.375)
2.625
(2.625)
V
VI
Input voltage
(3), (6)
–0.5
5.75
V
VO
Output voltage
0VCCIO
V
TJ
Junction temperature
For commercial use
0
85
° C
For industrial use
–40
100
° C
tR
Input rise time
40
ns
tF
Input fall time
40
ns
Table 25. APEX 20K 5.0-V Tolerant Device DC Operating Conditions (Part 1 of 2)
Notes (2), (7), (8)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High-level input voltage
1.7, 0.5
× VCCIO
(9)
5.75
V
VIL
Low-level input voltage
–0.5
0.8, 0.3
× VCCIO
(9)
V
VOH
3.3-V high-level TTL output
voltage
IOH = –8 mA DC,
VCCIO =3.00 V (10)
2.4
V
3.3-V high-level CMOS output
voltage
IOH = –0.1 mA DC,
VCCIO =3.00 V (10)
VCCIO –0.2
V
3.3-V high-level PCI output voltage IOH = –0.5 mA DC,
VCCIO = 3.00 to 3.60 V
(10)
0.9
× VCCIO
V
2.5-V high-level output voltage
IOH = –0.1 mA DC,
VCCIO =2.30 V (10)
2.1
V
IOH = –1 mA DC,
VCCIO =2.30 V (10)
2.0
V
IOH = –2 mA DC,
VCCIO =2.30 V (10)
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com