Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 73 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 73 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 69Page - Altera Corporation APEX20K Datasheet HTML 70Page - Altera Corporation APEX20K Datasheet HTML 71Page - Altera Corporation APEX20K Datasheet HTML 72Page - Altera Corporation APEX20K Datasheet HTML 73Page - Altera Corporation APEX20K Datasheet HTML 74Page - Altera Corporation APEX20K Datasheet HTML 75Page - Altera Corporation APEX20K Datasheet HTML 76Page - Altera Corporation APEX20K Datasheet HTML 77Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 117 page
background image
Altera Corporation
73
APEX 20K Programmable Logic Device Family Data Sheet
Tables 32 and 33 describe APEX 20K external timing parameters.
tESBDATACO2
ESB clock-to-output delay without output registers
tESBDD
ESB data-in to data-out delay for RAM mode
tPD
ESB macrocell input to non-registered output
tPTERMSU
ESB macrocell register setup time before clock
tPTERMCO
ESB macrocell register clock-to-output delay
tF1-4
Fanout delay using local interconnect
tF5-20
Fanout delay using MegaLab Interconnect
tF20+
Fanout delay using FastTrack Interconnect
tCH
Minimum clock high time from clock pin
tCL
Minimum clock low time from clock pin
tCLRP
LE clear pulse width
tPREP
LE preset pulse width
tESBCH
Clock high time
tESBCL
Clock low time
tESBWP
Write pulse width
tESBRP
Read pulse width
Table 31. APEX 20K fMAX Timing Parameters
(Part 2 of 2)
Symbol
Parameter
Table 32. APEX 20K External Timing Parameters
Note (1)
Symbol
Clock Parameter
tINSU
Setup time with global clock at IOE register
tINH
Hold time with global clock at IOE register
tOUTCO
Clock-to-output delay with global clock at IOE register
Table 33. APEX 20K External Bidirectional Timing Parameters
Note (1)
Symbol
Parameter
Conditions
tINSUBIDIR
Setup time for bidirectional pins with global clock at same-row or same-
column LE register
tINHBIDIR
Hold time for bidirectional pins with global clock at same-row or same-
column LE register
tOUTCOBIDIR
Clock-to-output delay for bidirectional pins with global clock at IOE
register
C1 = 10 pF
tXZBIDIR
Synchronous IOE output buffer disable delay
C1 = 10 pF
tZXBIDIR
Synchronous IOE output buffer enable delay, slow slew rate = off
C1 = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com