Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 47 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 47 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 43Page - Altera Corporation APEX20K Datasheet HTML 44Page - Altera Corporation APEX20K Datasheet HTML 45Page - Altera Corporation APEX20K Datasheet HTML 46Page - Altera Corporation APEX20K Datasheet HTML 47Page - Altera Corporation APEX20K Datasheet HTML 48Page - Altera Corporation APEX20K Datasheet HTML 49Page - Altera Corporation APEX20K Datasheet HTML 50Page - Altera Corporation APEX20K Datasheet HTML 51Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 117 page
background image
Altera Corporation
47
APEX 20K Programmable Logic Device Family Data Sheet
APEX 20KE devices also support the MultiVolt I/O interface feature. The
APEX 20KE VCCINT pins must always be connected to a 1.8-V power
supply. With a 1.8-V VCCINT level, input pins are 1.8-V, 2.5-V, and 3.3-V
tolerant. The VCCIO pins can be connected to either a 1.8-V, 2.5-V, or 3.3-V
power supply, depending on the I/O standard requirements. When the
VCCIO
pins are connected to a 1.8-V power supply, the output levels are
compatible with 1.8-V systems. When VCCIO pins are connected to a 2.5-V
power supply, the output levels are compatible with 2.5-V systems. When
VCCIO
pins are connected to a 3.3-V power supply, the output high is
3.3 V and compatible with 3.3-V or 5.0-V systems. An APEX 20KE device
is 5.0-V tolerant with the addition of a resistor.
Table 13 summarizes APEX 20KE MultiVolt I/O support.
Notes to Table 13:
(1)
The PCI clamping diode must be disabled to drive an input with voltages higher than VCCIO, except for the 5.0-V
input case.
(2)
An APEX 20KE device can be made 5.0-V tolerant with the addition of an external resistor. You also need a PCI
clamp and series resistor.
(3)
When VCCIO = 3.3 V, an APEX 20KE device can drive a 2.5-V device with 3.3-V tolerant inputs.
ClockLock &
ClockBoost
Features
APEX 20K devices support the ClockLock and ClockBoost clock
management features, which are implemented with PLLs. The ClockLock
circuitry uses a synchronizing PLL that reduces the clock delay and skew
within a device. This reduction minimizes clock-to-output and setup
times while maintaining zero hold times. The ClockBoost circuitry, which
provides a clock multiplier, allows the designer to enhance device area
efficiency by sharing resources within the device. The ClockBoost
circuitry allows the designer to distribute a low-speed clock and multiply
that clock on-device. APEX 20K devices include a high-speed clock tree;
unlike ASICs, the user does not have to design and optimize the clock tree.
The ClockLock and ClockBoost features work in conjunction with the
APEX 20K device’s high-speed clock to provide significant improvements
in system performance and band-width. Devices with an X-suffix on the
ordering code include the ClockLock circuit.
The ClockLock and ClockBoost features in APEX 20K devices are enabled
through the Quartus II software. External devices are not required to use
these features.
Table 13. APEX 20KE MultiVolt I/O Support
Note (1)
VCCIO (V)
Input Signals (V)
Output Signals (V)
1.8
2.5
3.3
5.0
1.8
2.5
3.3
5.0
1.8
vv
v
v
2.5
vvv
v
3.3
vvv
(2)
v(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com