Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 82 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 82 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 78Page - Altera Corporation APEX20K Datasheet HTML 79Page - Altera Corporation APEX20K Datasheet HTML 80Page - Altera Corporation APEX20K Datasheet HTML 81Page - Altera Corporation APEX20K Datasheet HTML 82Page - Altera Corporation APEX20K Datasheet HTML 83Page - Altera Corporation APEX20K Datasheet HTML 84Page - Altera Corporation APEX20K Datasheet HTML 85Page - Altera Corporation APEX20K Datasheet HTML 86Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 117 page
background image
82
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Notes to Tables 43 through 48:
(1)
This parameter is measured without using ClockLock or ClockBoost circuits.
(2)
This parameter is measured using ClockLock or ClockBoost circuits.
Tables 49 through 54 describe fMAX LE Timing Microparameters, fMAX
ESB Timing Microparameters, fMAX Routing Delays, Minimum Pulse
Width Timing Parameters, External Timing Parameters, and External
Bidirectional Timing Parameters for EP20K30E APEX 20KE devices.
Table 49. EP20K30E fMAX LE Timing Microparameters
Symbol
-1
-2
-3
Unit
Min
Max
Min
Max
Min
Max
tSU
0.01
0.02
0.02
ns
tH
0.11
0.16
0.23
ns
tCO
0.32
0.45
0.67
ns
tLUT
0.85
1.20
1.77
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com