Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 84 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 84 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 80Page - Altera Corporation APEX20K Datasheet HTML 81Page - Altera Corporation APEX20K Datasheet HTML 82Page - Altera Corporation APEX20K Datasheet HTML 83Page - Altera Corporation APEX20K Datasheet HTML 84Page - Altera Corporation APEX20K Datasheet HTML 85Page - Altera Corporation APEX20K Datasheet HTML 86Page - Altera Corporation APEX20K Datasheet HTML 87Page - Altera Corporation APEX20K Datasheet HTML 88Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 117 page
background image
84
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Table 52. EP20K30E Minimum Pulse Width Timing Parameters
Symbol
-1
-2
-3
Unit
Min
Max
Min
Max
Min
Max
tCH
0.55
0.78
1.15
ns
tCL
0.55
0.78
1.15
ns
tCLRP
0.22
0.31
0.46
ns
tPREP
0.22
0.31
0.46
ns
tESBCH
0.55
0.78
1.15
ns
tESBCL
0.55
0.78
1.15
ns
tESBWP
1.43
2.01
2.97
ns
tESBRP
1.15
1.62
2.39
ns
Table 53. EP20K30E External Timing Parameters
Symbol
-1
-2
-3
Unit
Min
Max
Min
Max
Min
Max
tINSU
2.02
2.13
2.24
ns
tINH
0.00
0.00
0.00
ns
tOUTC O
2.00
4.88
2.00
5.36
2.00
5.88
ns
tINSUP L L
2.11
2.23
-
ns
tINHPL L
0.00
0.00
-
ns
tOUTC OPLL
0.50
2.60
0.50
2.88
-
-
ns
Table 54. EP20K30E External Bidirectional Timing Parameters
Symbol
-1
-2
-3
Unit
Min
Max
Min
Max
Min
Max
tINSUB I DIR
1.85
1.77
1.54
ns
tINHBIDIR
0.00
0.00
0.00
ns
tOUTC OBIDIR
2.00
4.88
2.00
5.36
2.00
5.88
ns
tXZB I DIR
7.48
8.46
9.83
ns
tZXB I DIR
7.48
8.46
9.83
ns
tINSUB I DIRPL L
4.12
4.24
-
ns
tINHBIDIRP L L
0.00
0.00
-
ns
tOUTC OBIDIRP L L
0.50
2.60
0.50
2.88
-
-
ns
tXZB I DIRPL L
5.21
5.99
-
ns
tZXB I DIRPL L
5.21
5.99
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com