Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 56 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 56 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 52Page - Altera Corporation APEX20K Datasheet HTML 53Page - Altera Corporation APEX20K Datasheet HTML 54Page - Altera Corporation APEX20K Datasheet HTML 55Page - Altera Corporation APEX20K Datasheet HTML 56Page - Altera Corporation APEX20K Datasheet HTML 57Page - Altera Corporation APEX20K Datasheet HTML 58Page - Altera Corporation APEX20K Datasheet HTML 59Page - Altera Corporation APEX20K Datasheet HTML 60Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 117 page
background image
56
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
The APEX 20K device instruction register length is 10 bits. The APEX 20K
device USERCODE register length is 32 bits. Tables 20 and 21 show the
boundary-scan register length and device IDCODE information for
APEX 20K devices.
Note to Table 20:
(1)
This device does not support JTAG boundary scan testing.
Table 20. APEX 20K Boundary-Scan Register Length
Device
Boundary-Scan Register Length
EP20K30E
420
EP20K60E
624
EP20K100
786
EP20K100E
774
EP20K160E
984
EP20K200
1,176
EP20K200E
1,164
EP20K300E
1,266
EP20K400
1,536
EP20K400E
1,506
EP20K600E
1,806
EP20K1000E
2,190
EP20K1500E
1 (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com