Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 27 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 27 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 23Page - Altera Corporation APEX20K Datasheet HTML 24Page - Altera Corporation APEX20K Datasheet HTML 25Page - Altera Corporation APEX20K Datasheet HTML 26Page - Altera Corporation APEX20K Datasheet HTML 27Page - Altera Corporation APEX20K Datasheet HTML 28Page - Altera Corporation APEX20K Datasheet HTML 29Page - Altera Corporation APEX20K Datasheet HTML 30Page - Altera Corporation APEX20K Datasheet HTML 31Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 117 page
background image
Altera Corporation
27
APEX 20K Programmable Logic Device Family Data Sheet
Figure 14. APEX 20K Macrocell
For registered functions, each macrocell register can be programmed
individually to implement D, T, JK, or SR operation with programmable
clock control. The register can be bypassed for combinatorial operation.
During design entry, the designer specifies the desired register type; the
Quartus II software then selects the most efficient register operation for
each registered function to optimize resource utilization. The Quartus II
software or other synthesis tools can also select the most efficient register
operation automatically when synthesizing HDL designs.
Each programmable register can be clocked by one of two ESB-wide
clocks. The ESB-wide clocks can be generated from device dedicated clock
pins, global signals, or local interconnect. Each clock also has an
associated clock enable, generated from the local interconnect. The clock
and clock enable signals are related for a particular ESB; any macrocell
using a clock also uses the associated clock enable.
If both the rising and falling edges of a clock are used in an ESB, both
ESB-wide clock signals are used.
Clock/
Enable
Select
Product-
Term
Select
Matrix
Parallel Logic
Expanders
(From Other
Macrocells)
ESB-Wide
Clears
ESB-Wide
Clock Enables
ESB-Wide
Clocks
32 Signals
from Local
Interconnect
Clear
Select
ESB
Output
Programmable
Register
222
ENA
D
CLRN
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com