Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 102 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 102 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 98Page - Altera Corporation APEX20K Datasheet HTML 99Page - Altera Corporation APEX20K Datasheet HTML 100Page - Altera Corporation APEX20K Datasheet HTML 101Page - Altera Corporation APEX20K Datasheet HTML 102Page - Altera Corporation APEX20K Datasheet HTML 103Page - Altera Corporation APEX20K Datasheet HTML 104Page - Altera Corporation APEX20K Datasheet HTML 105Page - Altera Corporation APEX20K Datasheet HTML 106Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 117 page
background image
102
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Table 87. EP20K400E fMAX Routing Delays
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tF1-4
0.25
0.25
0.26
ns
tF5-20
1.01
1.12
1.25
ns
tF20+
3.71
3.92
4.17
ns
Table 88. EP20K400E Minimum Pulse Width Timing Parameters
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tCH
1.36
2.22
2.35
ns
tCL
1.36
2.26
2.35
ns
tCLRP
0.18
0.18
0.19
ns
tPREP
0.18
0.18
0.19
ns
tESBCH
1.36
2.26
2.35
ns
tESBCL
1.36
2.26
2.35
ns
tESBWP
1.17
1.38
1.56
ns
tESBRP
0.94
1.09
1.25
ns
Table 89. EP20K400E External Timing Parameters
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSU
2.51
2.64
2.77
ns
tINH
0.00
0.00
0.00
ns
tOUTC O
2.00
5.25
2.00
5.79
2.00
6.32
ns
tINSUP L L
3.221
3.38
-
ns
tINHPL L
0.00
0.00
-
ns
tOUTC OPLL
0.50
2.25
0.50
2.45
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com