Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 66Page - ATMEL Corporation ATAM894 Datasheet HTML 67Page - ATMEL Corporation ATAM894 Datasheet HTML 68Page - ATMEL Corporation ATAM894 Datasheet HTML 69Page - ATMEL Corporation ATAM894 Datasheet HTML 70Page - ATMEL Corporation ATAM894 Datasheet HTML 71Page - ATMEL Corporation ATAM894 Datasheet HTML 72Page - ATMEL Corporation ATAM894 Datasheet HTML 73Page - ATMEL Corporation ATAM894 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 97 page
background image
70
4679D–4BMCU–05/05
ATAM894
6.3.4.14
Serial Interface Status and Control Register (SISC)
6.3.4.15
Serial Transmit Buffer (STB) – Byte Write
The STB is the transmit buffer of the SSI. The SSI transfers the transmit buffer into the shift reg-
ister and starts shifting with the most significant bit.
Primary register address: 'A'hex
Bit 3
Bit 2
Bit 1
Bit 0
SISC write
MCL
RACK
SIM
IFN
Reset value: 1111b
SISC read
- - -
TACK
ACT
SRDY
Reset value: xxxxb
MCL
Multi-Chip Link activation
MCL = 1, multi-chip link disabled. This bit has to be set to '0' during transactions to/from
the internal EEPROM
MCL = 0, connects SC and SD, additionally to the internal multi-chip link pads
RACK
Receive ACKnowledge status/control bit for MCL mode
RACK = 0, transmit acknowledge in next receive telegram
RACK = 1, transmit no acknowledge in last receive telegram
TACK
Transmit ACKnowledge status/control bit for MCL mode
TACK = 0, acknowledge received in last transmit telegram
TACK = 1, no acknowledge received in last transmit telegram
SIM
Serial Interrupt Mask
SIM = 1, disable interrupts
SIM = 0, enable serial interrupt. An interrupt is generated
IFN
Interrupt FuNction
IFN = 1, the serial interrupt is generated at the end of telegram
IFN = 0, the serial interrupt is generated when the SRDY goes low (i.e., buffer becomes
empty/full in transmit/receive mode)
SRDY
Serial interface buffer ReaDY status flag
SRDY = 1,
in receive mode: receive buffer empty
in transmit mode: transmit buffer full
SRDY = 0,
in receive mode: receive buffer full
in transmit mode: transmit buffer empty
ACT
Transmission ACTive status flag
ACT = 1, transmission is active, i.e., serial data transfer. Stop or start conditions are
currently in progress.
ACT = 0, transmission is inactive
Primary register address: '9'hex
First write cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: xxxxb
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: xxxxb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com