Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 4Page - ATMEL Corporation ATAM894 Datasheet HTML 5Page - ATMEL Corporation ATAM894 Datasheet HTML 6Page - ATMEL Corporation ATAM894 Datasheet HTML 7Page - ATMEL Corporation ATAM894 Datasheet HTML 8Page - ATMEL Corporation ATAM894 Datasheet HTML 9Page - ATMEL Corporation ATAM894 Datasheet HTML 10Page - ATMEL Corporation ATAM894 Datasheet HTML 11Page - ATMEL Corporation ATAM894 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
8
4679D–4BMCU–05/05
ATAM894
5.2.3.6
RAM Address Registers (X and Y)
The X and Y registers are used to address any 4-bit item in the RAM. A fetch operation moves
the addressed nibble onto the TOS. A store operation moves the TOS to the addressed RAM
location. By using either the pre-increment or post-decrement addressing mode arrays in the
RAM can be compared, filled or moved.
5.2.3.7
Top Of Stack (TOS)
The top of stack register is the accumulator of the MARC4. All arithmetic/logic, memory refer-
ence and I/O operations use this register. The TOS register receives data from the ALU, ROM,
RAM or I/O bus.
5.2.3.8
Condition Code Register (CCR)
The 4-bit wide condition code register contains the branch, the carry and the interrupt enable
flag. These bits indicate the current state of the CPU. The CCR flags are set or reset by ALU
operations. The instructions SET_BCF, TOG_BF, CCR! and DI allow direct manipulation of the
condition code register.
5.2.3.9
Carry/Borrow (C)
The carry/borrow flag indicates that the borrowing or carrying out of Arithmetic Logic Unit (ALU)
occurred during the last arithmetic operation. During shift and rotate operations, this bit is used
as a fifth bit. Boolean operations have no affect on the C-flag.
5.2.3.10
Branch (B)
The branch flag controls the conditional program branching. Should the branch flag have been
set by a previous instruction, a conditional branch will cause a jump. This flag is affected by
arithmetic, logic, shift, and rotate operations.
5.2.3.11
Interrupt Enable (I)
The interrupt enable flag globally enables or disables the triggering of all interrupt routines with
the exception of the non-maskable reset. After a reset or on executing the DI instruction, the
interrupt enable flag is reset, thus disabling all interrupts. The core will not accept any further
interrupt requests until the interrupt enable flag has been set again by either executing an EI or
SLEEP instruction.
5.2.4
ALU
The 4-bit ALU performs all the arithmetic, logical, shift and rotate operations with the top two ele-
ments of the expression stack (TOS and TOS-1) and returns the result to the TOS. The ALU
operations affect the carry/borrow and branch flag in the condition code register (CCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com