Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 74Page - ATMEL Corporation ATAM894 Datasheet HTML 75Page - ATMEL Corporation ATAM894 Datasheet HTML 76Page - ATMEL Corporation ATAM894 Datasheet HTML 77Page - ATMEL Corporation ATAM894 Datasheet HTML 78Page - ATMEL Corporation ATAM894 Datasheet HTML 79Page - ATMEL Corporation ATAM894 Datasheet HTML 80Page - ATMEL Corporation ATAM894 Datasheet HTML 81Page - ATMEL Corporation ATAM894 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 97 page
background image
78
4679D–4BMCU–05/05
ATAM894
Combination Mode 9: Bi-phase Demodulation
SSI mode 1:
8-bit shift register internal data input (SI) and the internal shift clock
(SCI) from the Timer 3
Timer 3 mode 11:
Bi-phase demodulation with Timer 3
In the Bi-phase demodulation mode the timer works like in the Manchester demodulation mode.
The difference is that the bits are decoded with the toggle flip-flop. This flip-flop samples the
edge in the middle of the bit-frame and the compare register 1 match event shifts the toggle flip-
flop output into shift register. Before activating the demodulation the timer and the demodulation
stage must be synchronized with the bit-stream. The Bi-phase code timing consists of parts with
the half bit-length and the complete bit-length. The synchronization routine must start the
demodulator after an interval with the complete bit-length.
The counter can be driven by any internal clock source and the output T3O can be used by
Timer 2 in this mode.
Figure 6-58.
Bi-phase Demodulation
01
1
1
1
01
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Synchronize
Bi-phase demodulation mode
Timer 3
mode
T3EX
Q1 = SI
CM31 = SCI
SR-DATA
00
0
0
T3I
Reset
Counter 3
10
1
0
1
0
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com