Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 73Page - ATMEL Corporation ATAM894 Datasheet HTML 74Page - ATMEL Corporation ATAM894 Datasheet HTML 75Page - ATMEL Corporation ATAM894 Datasheet HTML 76Page - ATMEL Corporation ATAM894 Datasheet HTML 77Page - ATMEL Corporation ATAM894 Datasheet HTML 78Page - ATMEL Corporation ATAM894 Datasheet HTML 79Page - ATMEL Corporation ATAM894 Datasheet HTML 80Page - ATMEL Corporation ATAM894 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 97 page
background image
77
4679D–4BMCU–05/05
ATAM894
Combination Mode 8: Manchester Demodulation/Pulse-width Demodulation
SSI mode 1:
8-bit shift register internal data input (SI) and the internal shift clock
(SCI) from the Timer 3
Timer 3 mode 10:
Manchester demodulation/pulse-width demodulation with Timer 3
For Manchester demodulation, the edge detection stage must be programmed to detect each
edge at the input. These edges are evaluated by the demodulator stage. The timer stage is used
to generate the shift clock for the SSI. A compare register 1 match event defines the correct
moment for shifting the state from the input T3I as the decoded bit into the shift register. After
that, the demodulator waits for the next edge to synchronize the timer by a reset for the next bit.
The compare register 2 can be used to detect a time error and handle it with an interrupt routine.
Before activating the demodulator mode the timer and the demodulator stage must be synchro-
nized with the bit-stream. The Manchester code timing consists of parts with the half bit-length
and the complete bit-length. A synchronization routine must start the demodulator after an inter-
val with the complete bit-length.
The counter can be driven by any internal clock source. The output T3O can be used by Timer 2
in this mode. The Manchester decoder can also be used for pulse-width demodulation. The input
must programmed to detect the positive edge. The demodulator and timer must be synchronized
with the leading edge of the pulse. After that a counter match with the compare register 1 shifts
the state at the input T3I into the shift register. The next positive edge at the input restarts the
timer.
Figure 6-57.
Manchester Demodulation
10
11
1
0
0
1
1
0
11
BIT 0BIT 1BIT 2BIT 3BIT 4
BIT 5
BIT 6
Synchronize
Manchester demodulation mode
Timer 3
mode
T3EX
SI
SR-DATA
T3I
CM31 = SCI
10
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com