Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 56Page - ATMEL Corporation ATAM894 Datasheet HTML 57Page - ATMEL Corporation ATAM894 Datasheet HTML 58Page - ATMEL Corporation ATAM894 Datasheet HTML 59Page - ATMEL Corporation ATAM894 Datasheet HTML 60Page - ATMEL Corporation ATAM894 Datasheet HTML 61Page - ATMEL Corporation ATAM894 Datasheet HTML 62Page - ATMEL Corporation ATAM894 Datasheet HTML 63Page - ATMEL Corporation ATAM894 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
60
4679D–4BMCU–05/05
ATAM894
6.3.4
Synchronous Serial Interface (SSI)
6.3.4.1
SSI Features
• 2- and 3-wire NRZ
• 2-wire mode (MCL compatible), additional internal 2-wire link for multi-chip packaging
solutions
•With Timer 2
– Bi-phase modulation
– Manchester modulation
– Pulse-width demodulation
– Burst modulation
•With Timer 3
– Pulse-width modulation (PWM)
– FSK modulation
– Bi-phase demodulation
– Manchester demodulation
– Pulse-width demodulation
– Pulse position Demodulation
6.3.4.2
SSI Peripheral Configuration
The synchronous serial interface (SSI) can be used either for serial communication with external
devices such as EEPROMs, shift registers, display drivers, other microcontrollers, or as a
means for generating and capturing on-chip serial streams of data. External data communication
takes place via the Port 4 (BP4), a multi-functional port which can be software configured by
writing the appropriate control word into the P4CR register. The SSI can be configured in any of
the following ways:
1.
2-wire external interface for bi-directional data communication with one data terminal
and one shift clock. The SSI uses the Port BP43 as a bi-directional serial data line (SD)
and BP40 as shift clock line (SC).
2.
3-wire external interface for simultaneous input and output of serial data, with a serial
input data terminal (SI), a serial output data terminal (SO) and a shift clock (SC). The
SSI uses BP40 as shift clock (SC), while the serial data input (SI) is applied to BP43
(configured in P4CR as input!). Serial output data (SO) in this case is passed through to
BP42 (configured in P4CR to T2O) via the Timer 2 output stage (T2M2 configured in
mode 6).
3.
Timer/SSI combined modes - the SSI used together with Timer 2 or Timer 3 is capable
of performing a variety of data modulation and demodulation functions (see section
“Timer”). The modulating data is converted by the SSI into a continuous serial stream of
data which is in turn modulated in one of the timer functional blocks. Serial demodu-
lated data can be serially captured in the SSI and read by the controller. In the Timer 3
modes 10 and 11 (demodulation modes) the SSI can only be used as demodulator.
4.
Multi-chip link (MCL) – the SSI can also be used as an interchip data interface for use in
single package multi-chip modules or hybrids. For such applications, the SSI is pro-
vided with two dedicated pads (MCL_SD and MCL_SC) which act as a two-wire chip-
to-chip link. The MCL can be activated by the MCL control bit. Should these MCL pads
be used by the SSI, the standard SD and SC pins are not required and the correspond-
ing Port 4 ports are available as conventional data ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com