Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 8Page - ATMEL Corporation ATAM894 Datasheet HTML 9Page - ATMEL Corporation ATAM894 Datasheet HTML 10Page - ATMEL Corporation ATAM894 Datasheet HTML 11Page - ATMEL Corporation ATAM894 Datasheet HTML 12Page - ATMEL Corporation ATAM894 Datasheet HTML 13Page - ATMEL Corporation ATAM894 Datasheet HTML 14Page - ATMEL Corporation ATAM894 Datasheet HTML 15Page - ATMEL Corporation ATAM894 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
12
4679D–4BMCU–05/05
ATAM894
5.3
Master Reset
The master reset forces the CPU into a well-defined condition. It is unmaskable and is activated
independent of the current program state. It can be triggered by either initial supply power-up, a
short collapse of the power supply, brown-out detection circuitry, watchdog time-out, or an exter-
nal input clock supervisor stage (see Figure 5-7 on page 12). A master reset activation will reset
the interrupt enable flag, the interrupt pending register and the interrupt active register. During
the power-on reset phase the I/O bus control signals are set to reset mode thereby initializing all
on-chip peripherals. All bi-directional ports are set to input mode.
Attention:
During any reset phase, the BP20/NTE input is driven towards V
DD by a strong pull-
up transistor. This pin must not be pulled down to V
SS during reset by any external circuitry rep-
resenting a resistor of less than 150 k
Ω.
Releasing the reset results in a short call instruction (opcode C1h) to the EEPROM address
008h. This activates the initialization routine $RESET which in turn has to initialize all necessary
RAM variables, stack pointers and peripheral configuration registers (see Table 6-1 on page 23).
Figure 5-7.
Reset Configuration
5.3.1
Power-on Reset and Brown-out Detection
The ATAM894 has a fully integrated power-on reset and brown-out detection circuitry. For reset
generation no external components are needed.
These circuits ensure that the core is held in the reset state until the minimum operating supply
voltage has been reached. A reset condition will also be generated should the supply voltage
drop momentarily below the minimum operating level except when a power down mode is acti-
vated (the core is in SLEEP mode and the peripheral clock is stopped). In this power-down
mode the brown-out detection is disabled.
Two values for the brown-out voltage threshold are programmable via the BOT bit in the SC
register.
Reset
timer
V
DD
CL
Power-on
reset
Internal
reset
res
CL = SYSCL/4
Brown-out
detection
Watch-
dog
CWD
res
Ext. clock
supervisor
ExIn
Pull-up
NRST
V
DD
V
SS
V
DD
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com