Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 81Page - ATMEL Corporation ATAM894 Datasheet HTML 82Page - ATMEL Corporation ATAM894 Datasheet HTML 83Page - ATMEL Corporation ATAM894 Datasheet HTML 84Page - ATMEL Corporation ATAM894 Datasheet HTML 85Page - ATMEL Corporation ATAM894 Datasheet HTML 86Page - ATMEL Corporation ATAM894 Datasheet HTML 87Page - ATMEL Corporation ATAM894 Datasheet HTML 88Page - ATMEL Corporation ATAM894 Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
85
4679D–4BMCU–05/05
ATAM894
7.1.1.1
Control Byte Format
7.1.2
EEPROM
The EEPROM has a size of 2
× 512 bits and is organized as 32 x 16-bit matrix each. To read
and write data to and from the EEPROM the serial interface must be used. The interface sup-
ports one and two byte write accesses and one to n-byte read accesses to the EEPROM.
7.1.2.1
EEPROM - Operating Modes
The operating modes of the EEPROM are defined via the control byte. The control byte contains
the row address, the mode control bits and the read/not-write bit that is used to control the direc-
tion of the following transfer. A '0' defines a write access and a '1' a read access. The five
address bits select one of the 32 rows of the EEPROM memory to be accessed. For all
accesses the complete 16-bit word of the selected row is loaded into a buffer. The buffer must
be read or overwritten via the serial interface. The two mode control bits C
1 and C2 define in
which order the accesses to the buffer are performed: High byte – low byte or low byte – high
byte. The EEPROM also supports auto increment and auto decrement read operations. After
sending the start address with the corresponding mode, consecutive memory cells can be read
row by row without transmission of the row addresses.
Two special control bytes enable the complete initialization of EEPROM with '0' or with '1'.
7.1.2.2
Write Operations
The EEPROM permits 8-bit and 16-bit write operations. A write access starts with the START
condition followed by a write control byte and one or two data bytes from the master. It is com-
pleted via the STOP condition from the master after the acknowledge cycle.
The programming cycle consists of an erase cycle (write “zeros”) and the write cycle (write
“ones”). Both cycles together take about 10 ms.
7.1.2.3
Acknowledge Polling
If the EEPROM is busy with an internal write cycle, all inputs are disabled and the EEPROM will
not acknowledge until the write cycle is finished. This can be used to detect the end of the write
cycle. The master must acknowledge polling by sending a start condition followed by the control
byte. If the device is still busy with the write cycle, it will not return an acknowledge and the mas-
ter has to generate a stop condition or perform further acknowledge polling sequences. If the
cycle is complete, it returns an acknowledge and the master can proceed with the next read or
write cycle.
EEPROM Address
Mode Control Bits
Read/
NWrite
Start
A4A3A2
A1A0
C1
C0
R/NW
Ackn
Start
Control byte
Ackn
Data byte
Ackn
Data byte
Ackn
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com