Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 84Page - ATMEL Corporation ATAM894 Datasheet HTML 85Page - ATMEL Corporation ATAM894 Datasheet HTML 86Page - ATMEL Corporation ATAM894 Datasheet HTML 87Page - ATMEL Corporation ATAM894 Datasheet HTML 88Page - ATMEL Corporation ATAM894 Datasheet HTML 89Page - ATMEL Corporation ATAM894 Datasheet HTML 90Page - ATMEL Corporation ATAM894 Datasheet HTML 91Page - ATMEL Corporation ATAM894 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 97 page
background image
88
4679D–4BMCU–05/05
ATAM894
8.
Absolute Maximum Ratings
Voltages are given relative to V
SS.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
All inputs and outputs are protected against high electrostatic voltages or electric fields. However, precautions to minimize the build-up of
electrostatic charges during handling are recommended. Reliability of operation is enhanced if unused inputs are connected to an
appropriate logic voltage level (e.g., V
DD).
Parameters
Symbol
Value
Unit
Supply voltage
V
DD
–0.3 to +6.5
V
Input voltage (on any pin)
V
IN
V
SS –0.3 ≤VIN ≤VDD +0.3
V
Output short circuit duration
t
short
indefinite
s
Operating temperature range
T
amb
–40 to +85
°C
Storage temperature range
T
stg
–40 to +130
°C
Soldering temperature (t
≤10 s)
T
sld
260
°C
9.
Thermal Resistance
Parameter
Symbol
Value
Unit
Thermal resistance (SSO24)
RthJA
135
K/W
10. DC Operating Characteristics
V
SS = 0V, Tamb = –40°C to +85°C unless otherwise specified
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Power Supply
Operating voltage at VDD
VDD
VPOR
6.5
V
Active current
CPU active
fSYSCL = 1 MHz
VDD = 1.8V
V
DD = 3.0V
VDD = 6.5V
IDD
0.2
0.3
0.7
0.4
1.0
mA
mA
mA
Power down current
(CPU sleep,
RC oscillator active,
4-MHz quartz oscillator active)
fSYSCL = 1 MHz
VDD = 1.8V
V
DD = 3.0V
VDD = 6.5V
IPD
40
70
200
150
µA
µA
µA
Sleep current (CPU sleep,
32-kHz quartz oscillator active
4-MHz quartz oscillator inactive)
VDD = 1.8V
VDD = 3.0V
V
DD = 6.5V
ISleep
0.4
0.6
0.8
1.5
2.0
µA
µA
µA
Sleep current (CPU sleep,
32-kHz quartz oscillator inactive
4-MHz quartz oscillator inactive)
VDD = 3.0V
VDD = 6.5V
I
Sleep
0.3
0.6
1.0
1.8
µA
µA
Pin capacitance
Any pin to VSS
CL
710
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com