Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 46Page - ATMEL Corporation ATAM894 Datasheet HTML 47Page - ATMEL Corporation ATAM894 Datasheet HTML 48Page - ATMEL Corporation ATAM894 Datasheet HTML 49Page - ATMEL Corporation ATAM894 Datasheet HTML 50Page - ATMEL Corporation ATAM894 Datasheet HTML 51Page - ATMEL Corporation ATAM894 Datasheet HTML 52Page - ATMEL Corporation ATAM894 Datasheet HTML 53Page - ATMEL Corporation ATAM894 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 97 page
background image
50
4679D–4BMCU–05/05
ATAM894
Figure 6-27.
Counter Reset with Compare Register 2 and Toggle with Start
Figure 6-28.
Single Action of Compare Register 1
Timer 3 – Mode 2:
Timer/Counter, External Trigger Restart and External Capture
(with T3I Input)
The counter is driven by an internal clock source. After starting with T3R, the first edge from the
external input T3I starts the counter. The following edges at T3I load the current counter value
into the capture register, resets the counter and restarts it. The edge can be selected by the pro-
grammable edge decoder of the timer input stage. If single-action mode is activated for one or
both compare registers the trigger signal restarts the single action.
Figure 6-29.
Externally Triggered Counter Reset and Start Combined with Single-action Mode
4
0
0
0123
5
6
7
4
01
2
3
56
T3R
Counter 3
CM31
INT5
T3O
Toggle
by start
T3O
89
CL3
CM32
0 0 1 23 456 7 8 9 10 01 2
Counter 3
CM31
CM32
T3O
01 2 0 1 2 01 20 1 2 0 1 2 0 1 20 12 01 2 0 1
Toggle by start
T3R
0 0 0 0 0 000 12 345 6
Counter 3
T3EX
CM31
CM32
78 9 10 0 1 2 X X X 0 1 2 34 56 7 8 9 10 01 2 X X
T3R
XX
T3O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com