Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 13Page - ATMEL Corporation ATAM894 Datasheet HTML 14Page - ATMEL Corporation ATAM894 Datasheet HTML 15Page - ATMEL Corporation ATAM894 Datasheet HTML 16Page - ATMEL Corporation ATAM894 Datasheet HTML 17Page - ATMEL Corporation ATAM894 Datasheet HTML 18Page - ATMEL Corporation ATAM894 Datasheet HTML 19Page - ATMEL Corporation ATAM894 Datasheet HTML 20Page - ATMEL Corporation ATAM894 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 97 page
background image
17
4679D–4BMCU–05/05
ATAM894
5.5.2
Oscillator Circuits and External Clock Input Stage
The ATAM894 series consists of four different internal oscillators: two RC-oscillators, one 4-MHz
crystal oscillator, one 32-kHz crystal oscillator and one external clock input stage.
5.5.2.1
RC-oscillator 1 Fully Integrated
For timing insensitive applications, it is possible to use the fully integrated RC-oscillator 1. It
operates without any external components and saves additional costs. The RC-oscillator 1 cen-
ter frequency tolerance is better than ±50% over the full temperature and voltage range. The
basic center frequency of the RC-oscillator 1 is f
O ≈
4.0 MHz. The RC-oscillator 1 is selected by
default after power-on reset.
Figure 5-13.
RC-oscillator 1
5.5.2.2
External Input Clock
The OSC1 or OSC2 can be driven by an external clock source provided it meets the specified
duty cycle, rise and fall times and input levels. Additionally, the external clock stage contains a
supervisory circuit for the input clock. The supervisor function is controlled via the OS1, OS0 bit
in the SC register and the CCS bit in the CM register. If the external input clock is missing for
more than 1 ms and CCS = 0 is set in the CM register, the supervisory circuit generates a hard-
ware reset.
Figure 5-14.
External Input Clock
RC-oscillator 1
RcOut1
Stop
Control
RcOut1
Osc-Stop
Ext. input clock
ExOut
Stop
Ext.
Clock
RcOut1
Osc-Stop
ExIn
CCS
Res
OSC1
OSC2
Clock monitor
Ext.
Clock
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com