Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 92 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 88Page - ATMEL Corporation ATAM894 Datasheet HTML 89Page - ATMEL Corporation ATAM894 Datasheet HTML 90Page - ATMEL Corporation ATAM894 Datasheet HTML 91Page - ATMEL Corporation ATAM894 Datasheet HTML 92Page - ATMEL Corporation ATAM894 Datasheet HTML 93Page - ATMEL Corporation ATAM894 Datasheet HTML 94Page - ATMEL Corporation ATAM894 Datasheet HTML 95Page - ATMEL Corporation ATAM894 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 97 page
background image
92
4679D–4BMCU–05/05
ATAM894
12. Emulation
The basic function of emulation is to test and evaluate the customer's program and hardware in
real time. This therefore enables the analysis of any timing, hardware or software problem. For
emulation purposes, all MARC4 controllers include a special emulation mode. In this mode, the
internal CPU core is inactive and the I/O buses are available via Port 0 and Port 1 to allow an
external access to the on-chip peripherals. The MARC4 emulator uses this mode to control the
peripherals of any MARC4 controller (target chip) and emulates the lost ports for the application.
The MARC4 emulator can stop and restart a program at specified points during execution, mak-
ing it possible for the applications engineer to view the memory contents and those of various
registers during program execution. The designer also gains the ability to analyze the executed
instruction sequences and all the I/O activities.
Figure 12-1.
MARC4 Emulation
MARC4 target chip
CORE
(inactive)
Application-specific hardware
Peripherals
MARC4 emulator
Program
memory
Trace
memory
Control
logic
Personal computer
CORE
MARC4
emulation-CPU
I/O control
I/O bus
Port 0
Port 1
SYSCL/
TCL,
TE, NRST
Emulation control
Emulator target board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com