Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 89 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 85Page - ATMEL Corporation ATAM894 Datasheet HTML 86Page - ATMEL Corporation ATAM894 Datasheet HTML 87Page - ATMEL Corporation ATAM894 Datasheet HTML 88Page - ATMEL Corporation ATAM894 Datasheet HTML 89Page - ATMEL Corporation ATAM894 Datasheet HTML 90Page - ATMEL Corporation ATAM894 Datasheet HTML 91Page - ATMEL Corporation ATAM894 Datasheet HTML 92Page - ATMEL Corporation ATAM894 Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 97 page
background image
89
4679D–4BMCU–05/05
ATAM894
Note:
The Pin BP20/NTE has a static pull-up resistor during the reset-phase of the microcontroller
Power-on Reset Threshold Voltage
POR threshold voltage
BOT = 1
VPOR
1.54
1.7
1.88
V
POR threshold voltage
BOT = 0
VPOR
1.83
2.0
2.20
V
POR hysteresis
VPOR
50
mV
Voltage Monitor Threshold Voltage
VM high threshold voltage
VDD > VM, VMS = 1
VMThh
3.0
3.35
V
VM high threshold voltage
VDD < VM, VMS = 0
VMThh
2.77
3.0
V
VM middle threshold voltage
VDD > VM, VMS = 1
VMThm
2.6
2.9
V
VM middle threshold voltage
VDD < VM, VMS = 0
VMThm
2.4
2.6
V
VM low threshold voltage
VDD > VM, VMS = 1
VMThl
2.2
2.44
V
VM low threshold voltage
VDD < VM, VMS = 0
VMThl
2.0
2.2
V
External Input Voltage
VMI
VDD = 3V, VMS = 1
VVMI
1.3
1.4
V
VMI
VDD = 3V, VMS = 0
VVMI
1.18
1.3
V
All Bi-directional Ports
Input voltage LOW
V
DD = 1.8 to 6.5V
V
IL
V
SS
0.2
×
V
DD
V
Input voltage HIGH
VDD = 1.8 to 6.5V
VIH
0.8
×
V
DD
VDD
V
Input LOW current
(switched pull-up)
VDD = 2.0V,
VDD = 3.0V, VIL = VSS
V
DD = 6.5V
IIL
–3
–10
–80
–8
–20
–150
–14
–40
–240
µA
µA
µA
Input HIGH current
(switched pull-down)
V
DD = 2.0V,
VDD = 3.0V, VIH = VDD
VDD = 6.5V
IIH
3
10
60
6
20
100
14
40
160
µA
µA
µA
Input LOW current
(static pull-up)
VDD = 2.0V
V
DD = 3.0V, VIL = VSS
VDD = 6.5V
I
IL
–30
–80
–300
–50
–160
–700
–98
–320
–1200
µA
µA
µA
Input LOW current
(static pull-down)
VDD = 2.0V
VDD = 3.0V, VIH = VDD
V
DD = 6.5V
IIH
20
80
300
50
160
600
100
320
1000
µA
µA
µA
Input leakage current
V
IL = VSS
I
IL
100
nA
Input leakage current
V
IH = VDD
I
IH
100
nA
Output LOW current
V
OL = 0.2 × VDD
VDD = 2.0V
VDD = 3.0V,
V
DD = 6.5V
I
OL
0.9
3
8
1.8
5
15
3.6
8
22
mA
mA
mA
Output HIGH current
V
OH = 0.8 × VDD
VDD = 2.0V
V
DD = 3.0V,
V
DD = 6.5V
I
OH
–0.8
–3
–8
–1.7
–5
–15
–3.4
–8
–24
mA
mA
mA
10. DC Operating Characteristics (Continued)
VSS = 0V, Tamb = –40°C to +85°C unless otherwise specified
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com