Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 72Page - ATMEL Corporation ATAM894 Datasheet HTML 73Page - ATMEL Corporation ATAM894 Datasheet HTML 74Page - ATMEL Corporation ATAM894 Datasheet HTML 75Page - ATMEL Corporation ATAM894 Datasheet HTML 76Page - ATMEL Corporation ATAM894 Datasheet HTML 77Page - ATMEL Corporation ATAM894 Datasheet HTML 78Page - ATMEL Corporation ATAM894 Datasheet HTML 79Page - ATMEL Corporation ATAM894 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
76
4679D–4BMCU–05/05
ATAM894
Figure 6-55.
FSK Modulation
Combination Mode 7: Pulse-width Modulation (PWM)
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 3
Timer 3 mode 9:
Pulse-width modulation with the shift register data (SO)
The two compare registers are used to generate two varied time intervals. The SSI data output
selects which compare register is used for the output pulse generation. In this mode, both com-
pare and compare mode registers must be programmed to generate the two pulse width. It is
also useful to enable the single-action mode for extreme duty cycles. Timer 2 is used as baud-
rate generator and for the triggered restart of Timer 3. The SSI must be supplied with the toggle
signal of Timer 2. The counter is driven by an internal or external clock source.
Figure 6-56.
Pulse-width Modulation
0 1 2 3 4 0 12 34 01 2 3
Counter 3
CM31
CM32
SO
40 1 2 01 2 0 1 2 0 1 2 0 1 2 01 20 1 20 1 2 3
T3R
40
T3O
1
01
0
0 0 00 00 00 0
0 0 0 0
Counter 3
CM31
CM32
T3O
0 0 0 0 0 1 2 345 67 8 9101112131415 0 12 3 4 5
TOG2
67 8
1
9
1112
10
14
13
0
2 3
14
15
0
0
0
1
SIR
SO
SCO
T3R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com