Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 62 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 58Page - ATMEL Corporation ATAM894 Datasheet HTML 59Page - ATMEL Corporation ATAM894 Datasheet HTML 60Page - ATMEL Corporation ATAM894 Datasheet HTML 61Page - ATMEL Corporation ATAM894 Datasheet HTML 62Page - ATMEL Corporation ATAM894 Datasheet HTML 63Page - ATMEL Corporation ATAM894 Datasheet HTML 64Page - ATMEL Corporation ATAM894 Datasheet HTML 65Page - ATMEL Corporation ATAM894 Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 97 page
background image
62
4679D–4BMCU–05/05
ATAM894
Before data can be transferred, the SSI must first be activated. This is performed by means of
the SSI reset control (SIR) bit. All further operation then depends on the data directional mode
(TX/RX) and the present status of the SSI buffer registers shown by the Serial Interface Ready
Status Flag (SRDY). This SRDY flag indicates the (empty/full) status of either the transmit buffer
(in TX mode), or the receive buffer (in RX mode). The control logic ensures that data shifting is
temporarily halted at any time, if the appropriate receive/transmit buffer is not ready (SRDY = 0).
The SRDY status will then automatically be set back to ‘1’ and data shifting resumed as soon as
the application software loads the new data into the transmit register (in TX mode) or frees the
shift register by reading it into the receive buffer (in RX mode).
Another activity status (ACT) bit indicates the present status of the serial communication. The
ACT bit remains high for the duration of the serial telegram or if MCL stop or start conditions are
currently being generated. Both the current SRDY and ACT status can be read in the SSI status
register. To deactivate the SSI, the SIR bit must be set high.
6.3.4.4
8-bit Synchronous Mode
Figure 6-39.
8-bit Synchronous Mode
In the 8-bit synchronous mode, the SSI can operate as either a 2- or 3-wire interface (see sec-
tion ”SSI Peripheral Configuration” on page 60). The serial data (SD) is received or transmitted
in NRZ format, synchronized to either the rising or falling edge of the shift clock (SC). The choice
of clock edge is defined by the Serial Mode Control bits (SM0,SM1). It should be noted that the
transmission edge refers to the SC clock edge with which the SD changes. To avoid clock skew
problems, the incoming serial input data is shifted in with the opposite edge.
When used together with one of the timer modulator or demodulator stages, the SSI must be set
in the 8-bit synchronous mode 1.
In RX mode, as soon as the SSI is activated (SIR = 0), 8 shift clocks are generated and the
incoming serial data is shifted into the shift register. This first telegram is automatically trans-
ferred into the receive buffer and the SRDY set to 0 indicating that the receive buffer contains
valid data. At the same time an interrupt (if enabled) is generated. The SSI then continues shift-
ing in the following 8-bit telegram. If, during this time the first telegram has been read by the
controller, the second telegram will also be transferred in the same way into the receive buffer
and the SSI will continue clocking in the next telegram. Should, however, the first telegram not
have been read (SRDY = 1), then the SSI will stop, temporarily holding the second telegram in
the shift register until a certain point of time when the controller is able to service the receive
buffer. In this way no data is lost or overwritten.
SC
SC
DATA
SD/TO2
11
0
1
01
00
Bit 7
Bit 0
11
0
1
01
00
Bit 7
Bit 0
Data: 00110101
(rising edge)
(falling edge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com