Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 50Page - ATMEL Corporation ATAM894 Datasheet HTML 51Page - ATMEL Corporation ATAM894 Datasheet HTML 52Page - ATMEL Corporation ATAM894 Datasheet HTML 53Page - ATMEL Corporation ATAM894 Datasheet HTML 54Page - ATMEL Corporation ATAM894 Datasheet HTML 55Page - ATMEL Corporation ATAM894 Datasheet HTML 56Page - ATMEL Corporation ATAM894 Datasheet HTML 57Page - ATMEL Corporation ATAM894 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 97 page
background image
54
4679D–4BMCU–05/05
ATAM894
Timer 3 – Mode 12: Timer/Counter with External Capture Mode (T3I)
The counter is driven by an internal clock source and an edge at the external input T3I loads the
counter value into the capture register. The edge can be selected with the programmable edge
detector of the timer input stage. This mode can be used for signal and pulse measurements.
Figure 6-35.
External Capture Mode
6.3.3.4
Timer 3 Modulator for Carrier Frequency Burst Modulation
If the output stage operates as pulse-width modulator for the shift register the output can be
stopped with stage 1 of Timer 2. For this task, the timer mode 3 must be used and the prescaler
must be supplied by the internal shift clock of the shift register.
The modulator can be started with the start of the shift register (SIR = 0) and stopped either by a
shift register stop (SIR = 1) or compare match event of stage 1 of Timer 2. For this task, the
Timer 2 must be used in mode 3 and the prescaler stage must be supplied by the internal shift
clock of the shift register.
Figure 6-36.
Modulator 3
012 34 5 6 789 1011
Counter 3
T3CP-
Register
15
T3I
T3R
Capture value = X
Capture value = 17
Capture value = 35
0
12 13 14
16
20
17 18 19
22
21
23
27
24 2526
29
28
30
34
31 32 33
36
35
37
41
3839 40
T3
Set
Res
T3O
T3TOP
OMSK
TOG3
SO
SSI/
Control
M2
M3
MUX
T3M
0
1
2
3
Timer 3 Mode
T3O
6 MUX 1
7 MUX 2
9 MUX 3
other MUX 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com