Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 21Page - ATMEL Corporation ATAM894 Datasheet HTML 22Page - ATMEL Corporation ATAM894 Datasheet HTML 23Page - ATMEL Corporation ATAM894 Datasheet HTML 24Page - ATMEL Corporation ATAM894 Datasheet HTML 25Page - ATMEL Corporation ATAM894 Datasheet HTML 26Page - ATMEL Corporation ATAM894 Datasheet HTML 27Page - ATMEL Corporation ATAM894 Datasheet HTML 28Page - ATMEL Corporation ATAM894 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
25
4679D–4BMCU–05/05
ATAM894
Figure 6-2.
Bi-directional Port 1
6.2.2
Bi-directional Port 2
As all other bi-directional ports, this port includes a bit-wise-programmable Control Register
(P2CR), which enables the individual programming of each port bit as input or output. It also
opens up the possibility of reading the pin condition when in output mode. This is a useful fea-
ture for self testing and for serial bus applications.
However, Port 2 has an increased drive capability and an additional low resistance pull-up/-
down transistor mask option.
Care should be taken connecting external components to BP20/NTE. During any reset phase,
the BP20/NTE input is driven towards V
DD by an additional internal strong pull-up transistor. This
pin must not be pulled down (active or passive) to V
SS during reset by any external circuitry rep-
resenting a resistor of less than 150 k
Ω. This prevents the circuit from unintended switching to
test mode enable through the application circuitry at pin BP20/NTE. Resistors less than 150 k
Ω
might lead to an undefined state of the internal test logic, thus disabling the application firmware.
To avoid any conflict with the optional internal pull-down transistors, BP20 handles the pull-down
options in a different way than all other ports. BP20 is the only port that switches off the pull-
down transistors during reset.
OUT
IN
Reset
I/O Bus
D
R
S
Q
Q
NQ
R
Master reset
P1DATy
(Data out)
(Direction)
BP1y
Switched
Switched
(1)
(1) Flash options
V
DD
Static
pull-up
Static
pull-down
pull-up
pull-down
(1)
(1)
(1)
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com