Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 31Page - ATMEL Corporation ATAM894 Datasheet HTML 32Page - ATMEL Corporation ATAM894 Datasheet HTML 33Page - ATMEL Corporation ATAM894 Datasheet HTML 34Page - ATMEL Corporation ATAM894 Datasheet HTML 35Page - ATMEL Corporation ATAM894 Datasheet HTML 36Page - ATMEL Corporation ATAM894 Datasheet HTML 37Page - ATMEL Corporation ATAM894 Datasheet HTML 38Page - ATMEL Corporation ATAM894 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 97 page
background image
35
4679D–4BMCU–05/05
ATAM894
Both these bits control the time interval for the watchdog reset.
6.3.2
Timer 2
6.3.2.1
Features
8/12-bit timer for
• Interrupt, square-wave, pulse and duty cycle generation
• Baud-rate generation for the internal shift register
• Manchester and Bi-phase modulation together with the SSI
• Carrier frequency generation and modulation together with the SSI
Timer 2 can be used as interval timer for interrupt generation, as signal generator or as
baud-rate generator and modulator for the serial interface. It consists of a 4-bit and an 8-bit up
counter stage which both have compare registers. The 4-bit counter stages of Timer 2 are cas-
cadable as an 12-bit timer or as an 8-bit timer with a 4-bit prescaler. The timer can also be
configured as an 8-bit timer and separate a 4-bit prescaler.
The Timer 2 input can be supplied via the system clock, the external input clock (T2I), the Timer
1 output clock or the shift clock of the serial interface. The external input clock T2I is not syn-
chronized with SYSCL. Therefore, it is possible to use Timer 2 with a higher clock speed than
SYSCL. Furthermore, with that input clock the Timer 2 operates in the power-down mode
SLEEP (CPU core
→sleep and OSC-Stop →yes) as well as in POWER-DOWN (CPU core →
sleep and OSC-Stop
→no). All other clock sources supply no clock signal in SLEEP if
NSTOP = 0. The 4-bit counter stages of Timer 2 have an additional clock output (POUT).
Its output has a modulator stage that allows the generation of pulses as well as the generation
and modulation of carrier frequencies. The Timer 2 output can modulate with the shift register
data output to generate Bi-phase- or Manchester code.
If the serial interface is used to modulate a bit-stream, the 4-bit stage of Timer 2 has a special
task. The shift register can only handle bit-stream lengths divisible by 8. For other lengths, the
4-bit counter stage can be used to stop the modulator after the right bit-count is shifted out.
If the timer is used for carrier frequency modulation, the 4-bit stage works together with an addi-
tional 2-bit duty cycle generator like a 6-bit prescaler to generate carrier frequency and duty
cycle. The 8-bit counter is used to enable and disable the modulator output for a programmable
count of pulses.
Table 6-7.
Watchdog Time Control Bits
WDT1
WDT0
Divider
Delay Time to Reset with
t
in = 1/32 kHz
Delay Time to Reset with
t
in = 1/(2/1 MHz)
0
0
512
15.625 ms
0.256 ms/0.512 ms
0
1
2048
62.5 ms
1.024 ms/2.048 ms
1
0
16384
0.5 s
8.2 ms/16.4 ms
1
1
131072
4 s
65.5 ms/131 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com