Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 87Page - ATMEL Corporation ATAM894 Datasheet HTML 88Page - ATMEL Corporation ATAM894 Datasheet HTML 89Page - ATMEL Corporation ATAM894 Datasheet HTML 90Page - ATMEL Corporation ATAM894 Datasheet HTML 91Page - ATMEL Corporation ATAM894 Datasheet HTML 92Page - ATMEL Corporation ATAM894 Datasheet HTML 93Page - ATMEL Corporation ATAM894 Datasheet HTML 94Page - ATMEL Corporation ATAM894 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
91
4679D–4BMCU–05/05
ATAM894
11.1
Crystal Characteristics
Figure 11-1.
Crystal Equivalent Circuit
32-kHz Crystal Oscillator (Operating Range VDD = 2.0V to 6.5V)
Frequency
fX
32.768
kHz
Start-up time
tSQ
0.5
s
Stability
∆f/f
–10
10
ppm
Integrated input/output capacitances
(configurable)
C
IN/COUT programmable
CIN
C
OUT
0, 2, 5, 7, 10 or 12
0, 2, 5, 7, 10 or 12
pF
pF
External 32-kHz Crystal Parameters
Crystal frequency
f
X
32.768
kHz
Serial resistance
RS
30
50
k
Ω
Static capacitance
C
0
1.5
pF
Dynamic capacitance
C1
3
fF
External 4-MHz Crystal Parameters
Crystal frequency
f
X
4.0
MHz
Serial resistance
RS
40
150
Ω
Static capacitance
C
0
1.4
3
pF
Dynamic capacitance
C1
3
fF
Data EEPROM
Operating current during erase/write
cycle
IWR
600
1300
µA
Endurance
Erase-/write cycles
Tamb = 85°C
ED
E
D
200000
20000
500000
Cycles
Cycles
Data erase/write cycle time
For 16-bit access
t
DEW
913
ms
Data retention time
T
amb = 85°C
t
DR
tDR
100
10
years
years
Power-up to read operation
tPUR
0.2
ms
Power-up to write operation
tPUW
0.2
ms
Program EEPROM
Erase-/write cycles, Tamb = 0 to 40°C
nEW
100
1,000
Cycles
Serial Interface
SCL clock frequency
fSC_MCL
100
500
kHz
11. AC Characteristics (Continued)
Supply voltage VDD = 1.8 to 6.5V, VSS = 0V, Tamb = 25°C unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
L
C
1
R
S
C
0
OSCIN
OSCOUT
Equivalent
circuit
SCLIN
SCLOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com