Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 11Page - ATMEL Corporation ATAM894 Datasheet HTML 12Page - ATMEL Corporation ATAM894 Datasheet HTML 13Page - ATMEL Corporation ATAM894 Datasheet HTML 14Page - ATMEL Corporation ATAM894 Datasheet HTML 15Page - ATMEL Corporation ATAM894 Datasheet HTML 16Page - ATMEL Corporation ATAM894 Datasheet HTML 17Page - ATMEL Corporation ATAM894 Datasheet HTML 18Page - ATMEL Corporation ATAM894 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 97 page
background image
15
4679D–4BMCU–05/05
ATAM894
VIM
V
oltage Interrupt Mask bit
VIM = 0, voltage monitor interrupt is enabled
VIM = 1, voltage monitor interrupt is disabled
VMS
V
oltage Monitor Status bit
VMS = 0, the voltage at the comparator input is below V
Ref
VMS = 1, the voltage at the comparator input is above V
Ref
Figure 5-10.
Internal Supply Voltage Supervisor
Figure 5-11.
External Input Voltage Supervisor
5.5
Clock Generation
5.5.1
Clock Module
The ATAM894 contains a clock module with 4 different internal oscillator types: two RC-oscilla-
tors, one 4-MHz crystal oscillator and one 32-kHz crystal oscillator. The pins OSC1 and OSC2
are the interface to connect a crystal either to the 4-MHz, or to the 32-kHz crystal oscillator.
OSC1 can be used as input for external clocks or to connect an external trimming resistor for the
RC-oscillator 2. All necessary circuitry except the crystal and the trimming resistor is integrated
on-chip. One of these oscillator types or an external input clock can be selected to generate the
system clock (SYSCL).
In applications that do not require exact timing, it is possible to use the fully integrated RC-oscil-
lator 1 without any external components. The RC-oscillator 1 center frequency tolerance is
better than ±50%. The RC-oscillator 2 is a trimmable oscillator whereby the oscillator frequency
can be trimmed with an external resistor attached between OSC1 and V
DD. In this configuration,
the RC-oscillator 2 frequency can be maintained stable to within a tolerance of ±15% over the
full operating temperature and voltage range.
V
DD
Low threshold
Middle threshold
High threshold
VMS = 1
Low threshold
Middle threshold
High threshold
VMS = 0
3.0 V
2.6 V
2.2 V
1.3 V
VMI
VMS = 1
VMS = 0
Positive slope
Negative slope
VMS = 1
VMS = 0
Interrupt negative slope
Interrupt positive slope
Internal reference level
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com