Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 15Page - ATMEL Corporation ATAM894 Datasheet HTML 16Page - ATMEL Corporation ATAM894 Datasheet HTML 17Page - ATMEL Corporation ATAM894 Datasheet HTML 18Page - ATMEL Corporation ATAM894 Datasheet HTML 19Page - ATMEL Corporation ATAM894 Datasheet HTML 20Page - ATMEL Corporation ATAM894 Datasheet HTML 21Page - ATMEL Corporation ATAM894 Datasheet HTML 22Page - ATMEL Corporation ATAM894 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 97 page
background image
19
4679D–4BMCU–05/05
ATAM894
Figure 5-17.
Ceramic Resonator
Note:
Both, the 4-MHz and the 32-kHz crystal oscillator, use an integrated 14 stage divider circuit to sta-
bilize oscillation before the oscillator output is used as system clock. This results in an additional
delay of about 4 ms for the 4-MHz crystal and about 500 ms for the 32-kHz crystal.
5.5.2.5
32-kHz Oscillator
Some applications require long-term time keeping or low resolution timing. In this case, an
on-chip, low power 32-kHz crystal oscillator can be used to generate both the SUBCL and the
SYSCL. In this mode, power consumption is greatly reduced. The 32-kHz crystal oscillator can
not be stopped while the power-down mode is in operation.
Figure 5-18.
32-kHz Crystal Oscillator
Note:
Both, the 4-MHz and the 32-kHz crystal oscillator, use an integrated 14 stage divider circuit to sta-
bilize oscillation before the oscillator output is used as system clock. This results in an additional
delay of about 4 ms for the 4-MHz crystal and about 500 ms for the 32-kHz crystal.
5.5.3
Clock Management
The clock management register controls the system clock divider and synchronization stage.
Writing to this register triggers the synchronization cycle.
4-MHz
oscillator
4Out
Stop
4Out
Osc-Stop
OSC1
OSC2
*
Oscin
C
1
*
C
2
Oscout
Cer.
Res
*
configurable
C
3
C
4
32-kHz
oscillator
32Out
32Out
OSC1
OSC2
*
Oscin
C
1
*
C
2
Oscout
XTAL
32 kHz
*
configurable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com