Electronic Components Datasheet Search
  English  ▼

X  

ATAM894 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 40Page - ATMEL Corporation ATAM894 Datasheet HTML 41Page - ATMEL Corporation ATAM894 Datasheet HTML 42Page - ATMEL Corporation ATAM894 Datasheet HTML 43Page - ATMEL Corporation ATAM894 Datasheet HTML 44Page - ATMEL Corporation ATAM894 Datasheet HTML 45Page - ATMEL Corporation ATAM894 Datasheet HTML 46Page - ATMEL Corporation ATAM894 Datasheet HTML 47Page - ATMEL Corporation ATAM894 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 97 page
background image
44
4679D–4BMCU–05/05
ATAM894
6.3.2.8
Duty Cycle Generator
The duty cycle generator generates duty cycles of 25%, 33% or 50%. The frequency at the duty
cycle generator output depends on the duty cycle and the Timer 2 prescaler setting. The
DCG-stage can also be used as an additional programmable prescaler for Timer 2.
Figure 6-23.
DCG Output Signals
Table 6-9.
Timer 2 Duty Cycle Bits
T2D1
T2D0
Function of Duty Cycle Generator (DCG)
Additional Divider Effect
1
1
Bypassed (DCGO0)
/1
1
0
Duty cycle 1/1 (DCGO1)
/2
0
1
Duty cycle 1/2 (DCGO2)
/3
0
0
Duty cycle 1/3 (DCG03)
/4
Table 6-10.
Timer 2 Mode Select Bits
Mode
T2MS1
T2MS0
Clock Output (POUT)
Timer 2 Modes
1
1
1
4-bit counter overflow (OVF1)
12-bit compare counter, the DCG
have to be bypassed in this mode
2
1
0
4-bit compare output (CM1)
8-bit compare counter with 4-bit
programmable prescaler and duty
cycle generator
3
0
1
4-bit compare output (CM1)
8-bit compare counter clocked by
SYSCL or the external clock input
T2I, 4-bit prescaler run, the
counter 2/1 starts after writing
mode 3
4
0
0
4-bit compare output (CM1)
8-bit compare counter clocked by
SYSCL or the external clock input
T2I, 4-bit prescaler stop and
resets
DCGIN
DCGO0
DCGO1
DCGO2
DCGO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com