Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 147 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 147 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 143Page - ATMEL Corporation AVR32AP Datasheet HTML 144Page - ATMEL Corporation AVR32AP Datasheet HTML 145Page - ATMEL Corporation AVR32AP Datasheet HTML 146Page - ATMEL Corporation AVR32AP Datasheet HTML 147Page - ATMEL Corporation AVR32AP Datasheet HTML 148Page - ATMEL Corporation AVR32AP Datasheet HTML 149Page - ATMEL Corporation AVR32AP Datasheet HTML 150Page - ATMEL Corporation AVR32AP Datasheet HTML 151Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 181 page
background image
147
32001A–AVR32–06/06
AVR32
9.8.8
Registers
9.8.8.1
Read/Write Access Control/Status (RWCS) Register
Table 9-55.
Read/Write Access Control/Status (RWCS)
R/W
Bit Number
Field Name
Init. Val.
Description
R/W
31
AC
0
AC - Access
0 = No access ongoing
1 = Start access
R/W
30
RW
0
RW - Memory Access Read/Write
0 = Read
1 = Write
R/W
29:27
SZ
0
SZ - Data Size
000 = Byte
001 = Half-Word
010 = Word
011 = Reserved
1xx = Reserved
R/W
26:25
CCTRL
00
CCTRL - Cache Control
00 = Auto
01 = Always use cached memory view
10 = Always use uncached memory view
11 = Reserved
R/W
24
WRAPPED
0
WRAPPED - NanoTrace Buffer wrapped
Indicates that the RWA pointer to the nanotrace
buffer has wrapped at least once.
R/W
23
NTAP
0
NTAP - NanoTrace Access Protection
Enables NanoTrace access protection.
R/W
22
NTE
0
NTE - NanoTrace Enable
Enables NanoTrace.
R/W
21:20
NTBC
00
NTBC - NanoTrace Buffer Control
00 = Overwrite buffer
01 = Disable trace when buffer full
10 = Trigger breakpoint when buffer full
11 = Reserved
R/W
19
CRC
0
CRC - CRC Enable
Enables CRC of memory area.
R
18:16
-
0
Reserved
R/W
15:2
CNT
0
CNT - Access Count
Number of accesses of word size SZ.CNT is an
unsigned number.
R
1
ERR
0
Last access generated an error
R
0
DV
0
Data Valid in RWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com