Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 151 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 151 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 147Page - ATMEL Corporation AVR32AP Datasheet HTML 148Page - ATMEL Corporation AVR32AP Datasheet HTML 149Page - ATMEL Corporation AVR32AP Datasheet HTML 150Page - ATMEL Corporation AVR32AP Datasheet HTML 151Page - ATMEL Corporation AVR32AP Datasheet HTML 152Page - ATMEL Corporation AVR32AP Datasheet HTML 153Page - ATMEL Corporation AVR32AP Datasheet HTML 154Page - ATMEL Corporation AVR32AP Datasheet HTML 155Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 181 page
background image
151
32001A–AVR32–06/06
AVR32
Table 9-60 shows the messages which can be transmitted by the target on the AUX port. OCD
registers can be written by the tool using the JTAG mechanism described in “Debug Port” on
page 111.
Table 9-61 shows the format of the transmitted messages. Packets shown in bold are variable
length, the others are fixed length. All variable length packets can be truncated by omitting lead-
ing zeroes, but will always end on a port boundary.
Table 9-61.
Message formats
Nexus Message
Message format
TCODE
[5:0]
Packet 1
Packet 2
Packet 3
Debug Status
0
STATUS[31:0]
Ownership Trace
2
PROCESS [31:0]
-
-
Error
8
ECODE[4:0]
-
-
Program Trace,
Direct Branch
3
I-CNT[7:0]
--
Program Trace,
Direct Branch with
Target Address
57
I-CNT[7:0]
U-ADDR[31:0]
-
Program Trace,
Indirect Branch
4
EVT-ID[1:0]
I-CNT[7:0]
U-ADDR[31:0]
Program Trace
Synchronization
9
I-CNT[7:0]
PC[31:0]
-
Program Trace,
Direct Branch with
Sync
11
I-CNT[7:0]
F-ADDR[31:0]
-
Program Trace,
Indirect Branch with
Sync
12
EVT-ID[1:0]
I-CNT[7:0]
F-ADDR[31:0]
Program Trace
Resource Full
27
RCODE[3:0]
RDATA[7:0]
Program Trace
Correlation
33
EVCODE[3:0]
I-CNT[7:0]
Data Trace, Data
Write
5
DSZ[1:0]
U-ADDR[31:0]
DATA[31:0]
Data Trace, Data
Read
6
DSZ[1:0]
U-ADDR[31:0]
DATA[31:0]
Data Trace, Data
Write with Sync
13
DSZ[1:0]
F-ADDR[31:0]
DATA[31:0]
Data Trace, Data
Read with Sync
14
DSZ[1:0]
F-ADDR[31:0]
DATA[31:0]
Watchpoint Hit
15
WPHIT[7:0]
-
-
Trace Watchpoint
Hit
56
WPHIT[1:0]
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com