Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 155 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 151Page - ATMEL Corporation AVR32AP Datasheet HTML 152Page - ATMEL Corporation AVR32AP Datasheet HTML 153Page - ATMEL Corporation AVR32AP Datasheet HTML 154Page - ATMEL Corporation AVR32AP Datasheet HTML 155Page - ATMEL Corporation AVR32AP Datasheet HTML 156Page - ATMEL Corporation AVR32AP Datasheet HTML 157Page - ATMEL Corporation AVR32AP Datasheet HTML 158Page - ATMEL Corporation AVR32AP Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 181 page
background image
155
32001A–AVR32–06/06
AVR32
10.3
Special considerations
10.3.1
PC as destination register
Most instructions can use PC as destination register. This will result in a jump to the calculated
address. Forwarding is not implemented, so jumping is performed when the target address is
available in WB.
10.3.2
Branch prediction
Branch prediction allows the branch penalty to be removed for correctly predicted branches. For
erroneously predicted branches, a branch delay of four cycles is imposed. For correctly pre-
dicted, folded branches, the branch executes in zero cycles. Erroneously predicted folded
branches execute in four cycles.
10.3.3
Return address stack
A return address stack is implemented, allowing the subprogram return address to be available
early. The return address stack can keep 4 elements. If more elements are pushed, the oldest
element is overwritten. Hardware keeps control over the number of valid elements on the stack.
Stack over- and underflow is handled automatically by hardware, at the cost of performance
loss. When a return is attempted with an empty return address stack, the return instruction is
considered as not predicted.
Table 10-1.
Predicted branch and call cycle requirement
Instruction
Predicted
correctly
Predicted
erroneously
Folded
correctly
Folded
erroneously
Not
predicted
br disp
14
044
rjmp disp
14
044
rcall disp
1
4
NA
NA
4
Table 10-2.
Return instruction cycle requirement
Instruction
Predicted correctly
Predicted erroneously
Not predicted
ret, cond != AL
1
4
4
ret, cond == AL
2
-
4
mov PC, LR
2
-
4
popm with PC in reglist
2
-
6
ldm with PC in reglist
2
-
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com