Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 156 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 152Page - ATMEL Corporation AVR32AP Datasheet HTML 153Page - ATMEL Corporation AVR32AP Datasheet HTML 154Page - ATMEL Corporation AVR32AP Datasheet HTML 155Page - ATMEL Corporation AVR32AP Datasheet HTML 156Page - ATMEL Corporation AVR32AP Datasheet HTML 157Page - ATMEL Corporation AVR32AP Datasheet HTML 158Page - ATMEL Corporation AVR32AP Datasheet HTML 159Page - ATMEL Corporation AVR32AP Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 181 page
background image
156
32001A–AVR32–06/06
AVR32
10.4
ALU Operations
This group comprises simple single-cycle ALU operations like add and sub. The conditional sub
and mov instructions are also in this group. All instructions in this group take one cycle to exe-
cute, and the result is available for use by the following instruction.
Table 10-3.
Timing of ALU operations
Mnemonics
Operands
Description
Issue
latency
Result
latency
Flag
latency
abs
C
Rd
Absolute value.
1
1
1
acr
C
Rd
Add carry to register.
1
1
1
adc
E
Rd, Rx, Ry
Add with carry.
1
1
1
add
C
Rd, Rs
Add.
1
1
1
E
Rd, Rx,
(Ry << sa)
Add shifted.
1
1
1
addhh.w
C
Rd, Rx<part>,
Ry<part>
Add signed halfwords.
(32
← 16 + 16)
111
addabs
E
Rd, Rx, Ry
Add with absolute value.
1
1
1
cp.b
E
Rd, Rs
Compare byte.
1
1
1
cp.h
E
Rd, Rs
Compare halfword.
1
1
1
cp.w
CRd, Rs
Compare.
111
C
Rd, imm
111
E
Rd, imm
111
cpc
CRd
Compare with carry.
111
E
Rd, Rs
111
max
E
Rd, Rx, Ry
Return signed maximum.
1
1
1
min
E
Rd, Rx, Ry
Return signed minimum.
1
1
1
neg
C
Rd
Two’s Complement.
1
1
1
rsub
CRd, Rs
Reverse subtract.
111
E
Rd, Rs, k8
111
sbc
E
Rd, Rx, Ry
Subtract with carry.
1
1
1
scr
C
Rd
Subtract carry from
register.
111
sub
CRd, Rs
Subtract.
111
E
Rd, Rx,
(Ry << sa)
111
C
Rd, imm
111
E
Rd, imm
111
E
Rd, Rs, imm
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com