Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 157 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 157 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 153Page - ATMEL Corporation AVR32AP Datasheet HTML 154Page - ATMEL Corporation AVR32AP Datasheet HTML 155Page - ATMEL Corporation AVR32AP Datasheet HTML 156Page - ATMEL Corporation AVR32AP Datasheet HTML 157Page - ATMEL Corporation AVR32AP Datasheet HTML 158Page - ATMEL Corporation AVR32AP Datasheet HTML 159Page - ATMEL Corporation AVR32AP Datasheet HTML 160Page - ATMEL Corporation AVR32AP Datasheet HTML 161Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 181 page
background image
157
32001A–AVR32–06/06
AVR32
subhh.w
C
Rd, Rx<part>,
Ry<part>
Subtract signed
halfwords
(32
← 16 - 16)
111
sub{cond4}
E
Rd, imm
Subtract immediate if
condition satisfied.
111
tnbz
C
Rd
Test no byte equal to
zero.
111
and
CRd, Rs
Logical AND.
111
E
Rd, Rx, Ry << sa
1
1
1
E
Rd, Rx, Ry >> sa
1
1
1
andn
C
Rd, Rs
Logical AND NOT.
1
1
1
andh
ERd, imm
Logical AND High
Halfword, low halfword is
unchanged.
111
E
Rd, imm, COH
Logical AND High
Halfword, clear other
halfword.
111
andl
ERd, imm
Logical AND Low
Halfword, high halfword
is unchanged.
111
E
Rd, imm, COH
Logical AND Low
Halfword, clear other
halfword.
111
com
C
Rd
One’s Complement
(NOT).
111
eor
CRd, Rs
Logical Exclusive OR.
111
E
Rd, Rx, Ry << sa
1
1
1
E
Rd, Rx, Ry >> sa
1
1
1
eorh
E
Rd, imm
Logical Exclusive OR
(High Halfword).
111
eorl
E
Rd, imm
Logical Exclusive OR
(Low Halfword).
111
or
CRd, Rs
Logical (Inclusive) OR.
111
E
Rd, Rx, Ry << sa
1
1
1
E
Rd, Rx, Ry >> sa
1
1
1
orh
E
Rd, imm
Logical OR (High
Halfword).
111
orl
E
Rd, imm
Logical OR (Low
Halfword).
111
tst
C
Rd, Rs
Test register for zero.
1
1
1
bfins
E
Rd, Rs, o5, w5
Insert the lower w5 bits of
Rs in Rd at bit-offset o5.
111
Table 10-3.
Timing of ALU operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com