Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 161 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 161 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 157Page - ATMEL Corporation AVR32AP Datasheet HTML 158Page - ATMEL Corporation AVR32AP Datasheet HTML 159Page - ATMEL Corporation AVR32AP Datasheet HTML 160Page - ATMEL Corporation AVR32AP Datasheet HTML 161Page - ATMEL Corporation AVR32AP Datasheet HTML 162Page - ATMEL Corporation AVR32AP Datasheet HTML 163Page - ATMEL Corporation AVR32AP Datasheet HTML 164Page - ATMEL Corporation AVR32AP Datasheet HTML 165Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 181 page
background image
161
32001A–AVR32–06/06
AVR32
10.7
MulMac32 operations
These instructions require two passes through the multiplier array to produce a 32-bit result. For
mac, a valid copy of this accumulator may be cached in the accumulator cache. Otherwise, an
extra cycle is needed to read the accumulator from the register file. Therefore, issue and result
latencies depend on whether a valid entry is found in the accumulator cache.
10.8
MulMac64 operations
These instructions require two passes through the multiplier array to produce a 64-bit result. For
macs and macu, a valid copy of this accumulator may be cached in the accumulator cache. Oth-
erwise, an extra cycle is needed to read the accumulator from the register file. Therefore, issue
and result latencies depend on whether a valid entry is found in the accumulator cache. The low
Table 10-5.
Timing of Mac16 operations
Mnemonics
Operands
Description
Issue
latency
Result
latency
Flag
latency
machh.w
E
Rd, Rx<part>,
Ry<part>
Multiply signed halfwords
and accumulate.
(32
← 16x16 + 32)
1/2
2/3
N/A
machh.d
E
Rd, Rx<part>,
Ry<part>
Multiply signed halfwords
and accumulate.
(48
← 16x16 + 48)
1/2
2/3 +
delaye
d wb
N/A
macwh.d
E
Rd, Rx, Ry<part>
Multiply signed word and
halfword and
accumulate.
(48
← 32 x 16 + 48)
1/2
2/3 +
delaye
d wb
N/A
macsathh.w
E
Rd, Rx<part>,
Ry<part>
Fractional signed multiply
accumulate with
saturation. Return word.
(32
← 16 x 16 + 32)
1/2
2/3
Q:
3/4
Table 10-6.
Timing of MulMac32 operations
Mnemonics
Operands
Description
Issue
latency
Result
latency
Flag
latency
mac
E
Rd, Rx, Ry
Multiply accumulate.
(32
← 32x32 + 32)
2/3
3/4
N/A
mul
E
Rd, Rx, Ry
Multiply.
(32
← 32 x 32)
23N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com