Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 162 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 162 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 158Page - ATMEL Corporation AVR32AP Datasheet HTML 159Page - ATMEL Corporation AVR32AP Datasheet HTML 160Page - ATMEL Corporation AVR32AP Datasheet HTML 161Page - ATMEL Corporation AVR32AP Datasheet HTML 162Page - ATMEL Corporation AVR32AP Datasheet HTML 163Page - ATMEL Corporation AVR32AP Datasheet HTML 164Page - ATMEL Corporation AVR32AP Datasheet HTML 165Page - ATMEL Corporation AVR32AP Datasheet HTML 166Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 181 page
background image
162
32001A–AVR32–06/06
AVR32
part of the result is written back 1 cycle before the high part, and the result latencies presented
are for the low part of the result.
10.9
Divide operations
These instructions require several cycles in the multiply pipeline to complete. The quotient (Q) is
written back 1 cycle before the remainder (R).
10.10 Saturate operations
The saturate instructions use both the A1 and A2 stages to produce a valid result. Flags are for-
warded so that they are ready for the following instruction to use.
Table 10-7.
Timing of MulMac64 operations
Mnemonics
Operands
Description
Issue
latency
Result
latency
Flag
latency
macs.d
E
Rd, Rx, Ry
Multiply signed
accumulate.
(64
← 32x32 + 64)
3/4
4/5
N/A
macu.d
E
Rd, Rx, Ry
Multiply unsigned
accumulate.
(64
← 32x32 + 64)
3/4
4/5
N/A
muls.d
E
Rd, Rx, Ry
Signed Multiply.
(64
← 32 x 32)
34N/A
mulu.d
E
Rd, Rx, Ry
Unsigned Multiply.
(64
← 32 x 32)
34N/A
Table 10-8.
Timing of divide operations
Mnemonics
Operands
Description
Issue
latency
Result
latency
Flag
latency
divs
E
Rd, Rx, Ry
Divide signed.
(32
← 32/32)
(32
← 32%32)
33
Q:33
R:34
N/A
divu
E
Rd, Rx, Ry
Divide unsigned.
(32
← 32/32)
(32
← 32%32)
33
Q:33
R:34
N/A
Table 10-9.
Timing of saturate operations
Mnemonics
Operands
Description
Issue
latency
Result
latency
Flag
latency
satadd.h
E
Rd, Rx, Ry
Saturated add
halfwords.
121
satadd.w
E
Rd, Rx, Ry
Saturated add.
1
2
1
satsub.h
E
Rd, Rx, Ry
Saturated subtract
halfwords.
121
satsub.w
E
Rd, Rx, Ry
Saturated subtract.
121
E
Rd, Rs, imm
1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com