Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 166 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 166 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 162Page - ATMEL Corporation AVR32AP Datasheet HTML 163Page - ATMEL Corporation AVR32AP Datasheet HTML 164Page - ATMEL Corporation AVR32AP Datasheet HTML 165Page - ATMEL Corporation AVR32AP Datasheet HTML 166Page - ATMEL Corporation AVR32AP Datasheet HTML 167Page - ATMEL Corporation AVR32AP Datasheet HTML 168Page - ATMEL Corporation AVR32AP Datasheet HTML 169Page - ATMEL Corporation AVR32AP Datasheet HTML 170Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 181 page
background image
166
32001A–AVR32–06/06
AVR32
10.12 Load and store multiple operations
These instructions perform multiple data accesses. The writeback pointer is calculated by the A1
adder if needed, and the incremental pointer addresses are generated by the DA adder under
control by the LS pipeline control FSM. This FSM enables the LS pipe to operate decoupled
from the rest of the pipeline.
As the table shows, the updated pointer is available after the instruction has left the A1 stage. If
PC is specified for a load, and the return stack is empty, a 6 cycle penalty is taken, as the pipe-
line must be flushed. If enough registers are specified in the register list, this PC load penalty will
be masked by the regular register loads.
Store multiple instructions have the same write-after-write hazard detection as regular store
instructions. Subsequent instructions writing to a register that is to be stored are stalled until the
store has left the D stage.
st.w
CRp++, Rs
Store with post-
increment.
11N/A
C
--Rp, Rs
Store with pre-
decrement.
11N/A
C
Rp[disp], Rs
Store word with
displacement.
11N/A
E
Rp[disp], Rs
1
1
N/A
E
Rb[Ri<<sa], Rs
Indexed Store word.
1
1
N/A
stcond
E
Rp[disp], Rs
Conditional store with
displacement.
11N/A
stdsp
C
SP[disp], Rs
Store with displacement
from SP.
11N/A
sthh.w
E
Rp[disp<<2], Rx,
Ry
Combine halfwords to
word and store with
displacement
11N/A
E
Rb[Ri<<sa], Rx,
Ry
Combine halfwords to
word and store indexed
11N/A
stswp.h
E
Rp[disp], Rs
Swap bytes and store
halfword with
displacement.
11N/A
stswp.w
E
Swap bytes and store
word with displacement.
11N/A
Table 10-10. Timing of load and store operations (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com