Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 167 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 167 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 163Page - ATMEL Corporation AVR32AP Datasheet HTML 164Page - ATMEL Corporation AVR32AP Datasheet HTML 165Page - ATMEL Corporation AVR32AP Datasheet HTML 166Page - ATMEL Corporation AVR32AP Datasheet HTML 167Page - ATMEL Corporation AVR32AP Datasheet HTML 168Page - ATMEL Corporation AVR32AP Datasheet HTML 169Page - ATMEL Corporation AVR32AP Datasheet HTML 170Page - ATMEL Corporation AVR32AP Datasheet HTML 171Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 181 page
background image
167
32001A–AVR32–06/06
AVR32
LDM and POPM have a flag latency of 2 cycles.
10.13 Branch operations
The branch instructions are subject to branch prediction. This implies that the latencies related
to branches depends on whether the prefetch unit correctly predicted the outcome of the branch,
and if it had time to prefetch the branch target. The rjmp instruction is unconditional, and always
taken. It can never be predicted incorrectly.
The ret instruction has dedicated return stack hardware. The return address of call instructions is
pushed on a 4-entry loop stack. When a ret instruction is encountered and predicted taken, the
top stack element is popped and the instruction fetches are redirected to this address. In a way,
ret behaves very similarly to branches, except that their target address is fetched from a loop
stack when predicted taken.
Table 10-11. Timing of load and store multiple operations
Mnemonics
Operands
Description
Pointer
update
ready
First
loaded
data
ready
Penalt
y for
PC
load
ldm
E
Rp{++}, Reglist16
Load multiple registers.
R12 is tested if PC is
loaded.
12+6
ldmts
E
Rp{++}, Reglist16
Load multiple registers in
application context for
task switch.
12+6
popjc
C
Pop Java context from
frame
12-
popm
C
Reglist8
Pop multiple registers
from stack. R12 is tested
if PC is popped.
12+6
pushjc
C
Push Java context to
frame
1-
-
pushm
C
Reglist8
Push multiple registers to
stack.
1-
-
stm
E
{--}Rp, Reglist16
Store multiple registers.
1
-
-
stmts
E
{--}Rp, Reglist16
Store multiple registers in
application context for
task switch.
1-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com