Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 171 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 171 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 167Page - ATMEL Corporation AVR32AP Datasheet HTML 168Page - ATMEL Corporation AVR32AP Datasheet HTML 169Page - ATMEL Corporation AVR32AP Datasheet HTML 170Page - ATMEL Corporation AVR32AP Datasheet HTML 171Page - ATMEL Corporation AVR32AP Datasheet HTML 172Page - ATMEL Corporation AVR32AP Datasheet HTML 173Page - ATMEL Corporation AVR32AP Datasheet HTML 174Page - ATMEL Corporation AVR32AP Datasheet HTML 175Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 181 page
background image
171
32001A–AVR32–06/06
AVR32
10.20 Java return operation
ldcm.w
E
CP#, Rp{++},
ReglistCPL8
Load multiple
coprocessor registers.
As LDM
As LDM
N/A
mvcr.d
E
CP#, Rd, CRs
Move from coprocessor
to register.
24N/A
mvcr.w
E
CP#, Rd, CRs
Move from coprocessor
to register.
24N/A
mvrc.d
E
CP#, CRd, Rs
Move from register to
coprocessor.
15N/A
mvrc.w
E
CP#, CRd, Rs
Move from register to
coprocessor.
15N/A
stc.d
E
CP#, Rp[disp],
CRs
Store coprocessor
register.
15N/A
E
CP#, Rp++, CRs
Store coprocessor
register with post-
increment.
E
CP#, Rb[Ri<<sa],
CRs
Store coprocessor
register with indexed
addressing.
stc0.d
E
Rp[disp], CRs
Store coprocessor 0
register.
15N/A
stc.w
E
CP#, Rp[disp],
CRs
Store coprocessor
register.
15N/A
E
CP#, Rp++, CRs
Store coprocessor
register with post-
increment.
E
CP#, Rb[Ri<<sa],
CRs
Store coprocessor
register with indexed
addressing.
stc0.w
E
Rp[disp], CRs
Store coprocessor 0
register.
15N/A
stcm.d
E
CP#, {--}Rp,
ReglistCPD8
Store multiple
coprocessor registers.
As STM
+1
As STM
+1
N/A
stcm.w
E
CP#, {--}Rp,
ReglistCPH8
Store multiple
coprocessor registers.
As STM
+1
As STM
+1
N/A
stcm.w
E
CP#, {--}Rp,
ReglistCPL8
Store multiple
coprocessor registers.
As STM
+1
As STM
+1
N/A
Figure 10-1. Timing of coprocessor operations (Continued)
Table 10-18. Timing of Java return operation
Mnemonics
Operands /
Syntax
Description.
Issue
latency
Result
latency
Flag
latency
retj
C
Return from Java trap.
4
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com