Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 169 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 169 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 165Page - ATMEL Corporation AVR32AP Datasheet HTML 166Page - ATMEL Corporation AVR32AP Datasheet HTML 167Page - ATMEL Corporation AVR32AP Datasheet HTML 168Page - ATMEL Corporation AVR32AP Datasheet HTML 169Page - ATMEL Corporation AVR32AP Datasheet HTML 170Page - ATMEL Corporation AVR32AP Datasheet HTML 171Page - ATMEL Corporation AVR32AP Datasheet HTML 172Page - ATMEL Corporation AVR32AP Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 181 page
background image
169
32001A–AVR32–06/06
AVR32
10.16 Swap operation
The swap instruction perform two atomical memory accesses, first one read and then one write.
Write-after-write hazards may arise for the store part of xchg. This will stall subsequent instruc-
tions writing to the register to store until the store part of xchg has left D.
10.17 System register operations
This group moves data to and from the system registers. Forwarding and hazard detection is
implemented for the system registers. Latencies vary depending on where the system register
being is placed in the system, refer to Table 2-2 on page 10 for details. Accesses to system reg-
isters in A1 take one cycle. Accesses to registers on the TCB bus have a read latency of four
cycles, and writes have an issue latency of one cycle. Special care must be taken to avoid haz-
ards when using the some of these instructions, refer to Section 3.9 on page 27 for details.
Table 10-15. Timing of swap operation
Mnemonics
Operands /
Syntax
Description.
Issue
latency
Result
latency
Flag
latency
xchg
E
Rd, Rx, Ry
Exchange register and
memory
23N/A
Table 10-16. Timing of system register operations
Mnemonics
Operands /
Syntax
Description.
Issue
latency
Result
latency
Flag
latency
mfdr
E
Rd, SysRegNo
Move debug register to
Rd.
24N/A
mfsr
E
Rd, SysRegNo
Move system register to
Rd.
1/2
1/4
N/A
mtdr
E
SysRegNo, Rs
Move Rs to debug
register.
14N/A
mtsr
E
SysRegNo, Rs
Move Rs to system
register.
14N/A
musfr
C
Rs
Move Rs to status
register.
12N/A
mustr
C
Rd
Move status register to
Rd.
12N/A
tlbr
C
Read TLB entry.
1
3
N/A
tlbs
C
Search TLB for entry.
1
3
N/A
tlbw
C
Write TLB entry.
1
3
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com