Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 172 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 172 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 168Page - ATMEL Corporation AVR32AP Datasheet HTML 169Page - ATMEL Corporation AVR32AP Datasheet HTML 170Page - ATMEL Corporation AVR32AP Datasheet HTML 171Page - ATMEL Corporation AVR32AP Datasheet HTML 172Page - ATMEL Corporation AVR32AP Datasheet HTML 173Page - ATMEL Corporation AVR32AP Datasheet HTML 174Page - ATMEL Corporation AVR32AP Datasheet HTML 175Page - ATMEL Corporation AVR32AP Datasheet HTML 176Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 181 page
background image
172
32001A–AVR32–06/06
AVR32
10.21 SIMD operations
This group comprises instructions operating on multiple data in parallel. Some instructions in this
group take one cycle to execute, and the result is available for use by the following instruction.
Other instructions perform saturation in A2, and need two cycles before the result is ready.
Table 10-19. Timing of SIMD Operations
Mnemonics
Operands /
Syntax
Description.
Issue
latency
Result
latency
Flag
latency
pabs.{sb/sh}
E
Rd, Rs
Packed Absolute Value.
1
1
1
packsh.{ub/sb}
E
Rd, Rx, Ry
Pack Halfwords to Bytes.
1
1
1
packw.sh
E
Rd, Rx, Ry
Pack Words to
Halfwords.
111
padd.{b/h}
E
Rd, Rx, Ry
Packed Addition.
1
1
1
paddh.{ub/sh}
E
Rd, Rx, Ry
Packed Addition with
halving.
111
padds.{ub/sb/u
h/sh}
E
Rd, Rx, Ry
Packed Addition with
Saturation.
121
paddsub.h
E
Rd, Rx<part>,
Ry<part>
Packed Halfword
Addition and Subtraction.
111
paddsubh.sh
E
Rd, Rx<part>,
Ry<part>
Packed Halfword
Addition and Subtraction
with halving.
111
paddsubs.{uh/
sh}
E
Rd, Rx<part>,
Ry<part>
Packed Halfword
Addition and Subtraction
with Saturation.
121
paddx.h
E
Rd, Rx, Ry
Packed Halfword
Addition with Crossed
Operand.
111
paddxh.sh
E
Rd, Rx, Ry
Packed Halfword
Addition with Crossed
Operand and Halving.
111
paddxs.{uh/sh}
E
Rd, Rx, Ry
Packed Halfword
Addition with Crossed
Operand and Saturation.
121
pasr.{b/h}
E
Rd, Rs, {sa}
Packed Arithmetic Shift
Left.
111
pavg.{ub/sh}
E
Rd, Rx, Ry
Packed Average.
1
1
1
plsl.{b/h}
E
Rd, Rs, {sa}
Packed Logic Shift Left.
1
1
1
plsr.{b/h}
E
Rd, Rs, {sa}
Packed Logic Shift Right.
1
1
1
pmax.{ub/sh}
E
Rd, Rx, Ry
Packed Maximum Value.
1
1
1
pmin.{ub/sh}
E
Rd, Rx, Ry
Packed Minimum Value.
1
1
1
psad
E
Rd, Rx, Ry
Sum of Absolute
Differences.
122
psub.{b/h}
E
Rd, Rx, Ry
Packed Subtraction.
1
1
1
psubadd.h
E
Rd, Rx<part>,
Ry<part>
Packed Halfword
Subtraction and Addition.
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com