Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 173 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 169Page - ATMEL Corporation AVR32AP Datasheet HTML 170Page - ATMEL Corporation AVR32AP Datasheet HTML 171Page - ATMEL Corporation AVR32AP Datasheet HTML 172Page - ATMEL Corporation AVR32AP Datasheet HTML 173Page - ATMEL Corporation AVR32AP Datasheet HTML 174Page - ATMEL Corporation AVR32AP Datasheet HTML 175Page - ATMEL Corporation AVR32AP Datasheet HTML 176Page - ATMEL Corporation AVR32AP Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 181 page
background image
173
32001A–AVR32–06/06
AVR32
psubaddh.sh
E
Rd, Rx<part>,
Ry<part>
Packed Halfword
Subtraction and Addition
with halving.
111
psubadds.{uh/
sh}
E
Rd, Rx<part>,
Ry<part>
Packed Halfword
Subtraction and Addition
with Saturation.
121
psubh.{ub/sh}
E
Rd, Rx, Ry
Packed Subtraction with
halving.
111
psubs.{ub/sb/u
h/sh}
E
Rd, Rx, Ry
Packed Subtraction with
Saturation.
121
psubx.h
E
Rd, Rx, Ry
Packed Halfword
Subtraction with Crossed
Operand.
111
psubxh.sh
E
Rd, Rx, Ry
Packed Halfword
Subtraction with Crossed
Operand and Halving.
111
psubxs.{uh/sh}
E
Rd, Rx, Ry
Packed Halfword
Subtraction with Crossed
Operand and Saturation.
121
punpck{ub/sb}.
h
E
Rd, Rs<part>
Unpack Bytes to
Halfwords.
111
Table 10-19. Timing of SIMD Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com