Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 170 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 170 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 166Page - ATMEL Corporation AVR32AP Datasheet HTML 167Page - ATMEL Corporation AVR32AP Datasheet HTML 168Page - ATMEL Corporation AVR32AP Datasheet HTML 169Page - ATMEL Corporation AVR32AP Datasheet HTML 170Page - ATMEL Corporation AVR32AP Datasheet HTML 171Page - ATMEL Corporation AVR32AP Datasheet HTML 172Page - ATMEL Corporation AVR32AP Datasheet HTML 173Page - ATMEL Corporation AVR32AP Datasheet HTML 174Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 181 page
background image
170
32001A–AVR32–06/06
AVR32
10.18 System control operations
This group contains simple single-cycle instructions that control the behaviour of different parts
of the system. Special care must be taken to avoid hazards when using the cache instruction,
refer to Section 3.9.5 on page 29 for details.
10.19 Coprocessor operations
Table 10-17. Timing of system control operations
Mnemonics
Operands /
Syntax
Description.
Issue
latency
Result
latency
Flag
latency
cache
E
Rp[disp], Op5
Perform cache operation
1
1
N/A
frs
C
Invalidate the return
address stack
11N/A
pref
E
Rp[disp]
Prefetch cache line
1
1
N/A
sleep
E
Op8
Enter SLEEP mode.
1
1
N/A
sync
E
Op8
Flush write buffer
1
1
N/A
Figure 10-1. Timing of coprocessor operations
Mnemonics
Operands /
Syntax
Description.
Issue
latency
Result
latency
Flag
latency
cop
E
CP#, CRd, CRx,
CRy, Op
Coprocessor operation.
1
-
N/A
ldc.d
E
CP#, CRd,
Rp[disp]
Load coprocessor
register.
15N/A
E
CP#, CRd, --Rp
Load coprocessor
register with pre-
decrement.
E
CP#, CRd,
Rb[Ri<<sa]
Load coprocessor
register with indexed
addressing.
ldc0.d
E
CRd, Rp[disp]
Load coprocessor 0
register.
15N/A
ldc.w
E
CP#, CRd,
Rp[disp]
Load coprocessor
register.
15N/A
E
CP#, CRd, --Rp
Load coprocessor
register with pre-
decrement.
E
CP#, CRd,
Rb[Ri<<sa]
Load coprocessor
register with indexed
addressing.
ldc0.w
E
CRd, Rp[disp]
Load coprocessor 0
register.
15N/A
ldcm.d
E
CP#, Rp{++},
ReglistCPD8
Load multiple
coprocessor registers.
As LDM
As LDM
N/A
ldcm.w
E
CP#, Rp{++},
ReglistCPH8
Load multiple
coprocessor registers.
As LDM
As LDM
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com