Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 165 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 165 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 161Page - ATMEL Corporation AVR32AP Datasheet HTML 162Page - ATMEL Corporation AVR32AP Datasheet HTML 163Page - ATMEL Corporation AVR32AP Datasheet HTML 164Page - ATMEL Corporation AVR32AP Datasheet HTML 165Page - ATMEL Corporation AVR32AP Datasheet HTML 166Page - ATMEL Corporation AVR32AP Datasheet HTML 167Page - ATMEL Corporation AVR32AP Datasheet HTML 168Page - ATMEL Corporation AVR32AP Datasheet HTML 169Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 181 page
background image
165
32001A–AVR32–06/06
AVR32
ldins.h
E
Rd<part>,
Rp[disp]
Load halfword with
displacement and insert
at specified halfword
location in Rd.
13N/A
ldswp.sh
E
Rd, Rp[disp]
Load halfword with
displacement, swap
bytes and sign-extend
13N/A
ldswp.uh
E
Load halfword with
displacement, swap
bytes and zero-extend
13N/A
ldswp.w
E
Load word with
displacement and swap
bytes.
13N/A
lddpc
C
Rd, PC[disp]
Load with displacement
from PC.
12N/A
lddsp
C
Rd, SP[disp]
Load with displacement
from SP.
12N/A
st.b
CRp++, Rs
Store with post-
increment.
11N/A
C
--Rp, Rs
Store with pre-
decrement.
11N/A
C
Rp[disp], Rs
Store byte with
displacement.
11N/A
E
Rp[disp], Rs
1
1
N/A
E
Rb[Ri<<sa], Rs
Indexed Store byte.
1
1
N/A
st.d
CRp++, Rs
Store with post-
increment.
11N/A
C
--Rp, Rs
Store with pre-
decrement.
11N/A
C
Rp, Rs
Store doubleword
1
1
N/A
E
Rp[disp], Rs
Store double with
displacement
11N/A
E
Rb[Ri<<sa], Rs
Indexed Store double.
1
1
N/A
st.h
CRp++, Rs
Store with post-
increment.
11N/A
C
--Rp, Rs
Store with pre-
decrement.
11N/A
C
Rp[disp], Rs
Store halfword with
displacement.
11N/A
E
Rp[disp], Rs
1
1
N/A
E
Rb[Ri<<sa], Rs
Indexed Store halfword.
1
1
N/A
Table 10-10. Timing of load and store operations (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com