Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 163 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 163 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 159Page - ATMEL Corporation AVR32AP Datasheet HTML 160Page - ATMEL Corporation AVR32AP Datasheet HTML 161Page - ATMEL Corporation AVR32AP Datasheet HTML 162Page - ATMEL Corporation AVR32AP Datasheet HTML 163Page - ATMEL Corporation AVR32AP Datasheet HTML 164Page - ATMEL Corporation AVR32AP Datasheet HTML 165Page - ATMEL Corporation AVR32AP Datasheet HTML 166Page - ATMEL Corporation AVR32AP Datasheet HTML 167Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 181 page
background image
163
32001A–AVR32–06/06
AVR32
10.11 Load and store operations
This group includes all the load and store instructions. The LS pipeline has a dedicated adder
with an operand shift functionality, which performs all the address calculations except the ones
needed for indexed addressing. The additions needed in indexed addressing is performed by
the adder in the A1 stage. The A1 adder also performs the writeback address calculation for
autoincrement and autodecrement operation.
Loaded word data are available directly after the D pipestage. Byte and halfword data must be
extended and rotated before they are valid. This is performed in the WB stage. Ldins and ldswp
instructions also require modification in the WB stage before their results are valid. Stswp
instructions require modification before their data is output to the cache. This modification is per-
formed in the D stage. All store instructions may experience write-after-read hazards, and
therefore subsequent instructions writing to the register to be stored are stalled until the store
instruction has left the D stage.
Load of unaligned word addresses will increase the issue and result latency with one or two
cycles, depending on the alignment. Store of unaligned word addresses will increase the issue
latency with one or two cycles, depending on the alignment. Load of word-aligned doubleword
will increase the issue and result latency with one cycle. Store of word-aligned doubleword will
increase the issue latency with one cycle.
satrnds
E
Rd >> sa, b5
Signed saturate from bit
given by sa after a right
shift with rounding of b5
bit positions.
121
satrndu
E
Rd >> sa, b5
Unsigned saturate from
bit given by sa after a
right shift with rounding
of b5 bit positions.
121
sats
E
Rd >> sa, b5
Shift sa positions and do
signed saturate from bit
given by b5.
121
satu
E
Rd >> sa, b5
Shift sa positions and do
unsigned saturate from
bit given by b5.
121
Table 10-9.
Timing of saturate operations (Continued)
Table 10-10. Timing of load and store operations
Mnemonics
Operands
Description.
Issue
latency
Result
latency
Flag
latency
ld.ub
CRd, Rp++
Load unsigned byte with
post-increment.
13N/A
C
Rd, --Rp
Load unsigned byte with
pre-decrement.
13N/A
C
Rd, Rp[disp]
Load unsigned byte with
displacement.
13N/A
E
Rd, Rp[disp]
1
3
N/A
E
Rd, Rb[Ri<<sa]
Indexed Load unsigned
byte.
13N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com